Electronic Components Datasheet Search
  English  ▼

X  

HDMP-1024 Datasheet(PDF) 26 Page - Agilent(Hewlett-Packard)

Part # HDMP-1024
Description  Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1024 Datasheet(HTML) 26 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1024 Datasheet HTML 22Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 23Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 24Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 25Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 26Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 27Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 28Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 29Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 30Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
641
HDMP-1024 (Rx)
Detectable Error States
M20SEL Not Asserted (16 bit mode)
D-Field
C-Field
xxxxxxx
xx
xxxxxxx
x00x
xxxxxxx
xx
xxxxxxx
x11x
xxxxxxx
0x
xxxxxxx
1100
xxxxxxx
11
xxxxxxx
1100
xxxxxxx
xx
xxxxxxx
1010
xxxxxxx
xx
xxxxxxx
0101
HDMP-1024 (Rx)
Detectable Error States
M20SEL Asserted (20 bit mode)
D-Field
C-Field
xxxxxxxxx
xx
xxxxxxxxx
x00x
xxxxxxxxx
xx
xxxxxxxxx
x11x
xxxxxxxxx
0x
xxxxxxxxx
1100
xxxxxxxxx
11
xxxxxxxxx
1100
xxxxxxxxx
xx
xxxxxxxxx
1010
xxxxxxxxx
xx
xxxxxxxxx
0101
Tx Operation Principles
The HDMP-1022 (Tx) is imple-
mented in a high performance
silicon bipolar process. The Tx
performs the following functions
for link operation:
• Phase lock to frame rate clock
• Clock multiplication
• Frame encoding
• Multiplexing
In normal operation, the Tx phase
locks to a user supplied frame
rate clock and multiplies the
frequency to produce the high
speed serial clock. When locked,
the Tx indicates that it is locked
by asserting the LOCKED output.
When the ED input is asserted,
the Tx asserts the RFD signal
indicating that it is now ready to
transmit data or control frames.
The Tx can accept either 16 or 17
bit wide parallel data and produce
a 20 bit frame. It also can accept
20 or 21 bit data and produce a
24 bit frame. Similarly, either 14
bit or 18 bit control words can be
transmitted in a 20 bit or 24 bit
frame respectively.
Tx Encoding
A simplified block diagram of the
transmitter is shown in Figure 4.
The PLL/Clock Generator locks
onto the incoming frame rate (or
one-half frame rate) clock and
multiplies it up to the serial clock
rate. It also generates all the
internal clock signals required by
the Tx chip.
The data inputs, D0-D19, as well
as the control signals; ED, FF,
DAV*, CAV*, and FLAG are
latched in on the rising edge of an
internally generated frame rate
clock. The data field is then
encoded depending on the state
of the control signals. At the same
time, the coding field is
generated. At this point, the entire
frame has been constructed in
parallel form and its sign is
determined. This frame sign is
compared with the accumulated
sign of previously transmitted bits
to decide whether to invert the
frame. If the sign of the current
frame is the same as the sign of
the previously transmitted bits,
then the frame is inverted. If the
signs are opposite, the frame is
not inverted. No inversion is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com