Electronic Components Datasheet Search
  English  ▼

X  

HDMP-1024 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDMP-1024
Description  Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1024 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDMP-1024 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
615
Low Cost Gigabit Rate
Transmit/Receive Chip Set with
TTL I/Os
Preliminary Technical Data
Features
• Transparent, Extended
Ribbon Cable Replacement
• Implemented in a Low Cost
Aluminum M-Quad 80
Package
• High-Speed Serial Rate
150-1500 MBaud
• Standard TTL Interface
16, 17, 20, or 21 Bits Wide
• Reliable Monolithic Silicon
Bipolar Implementation
• On-Chip Phase-Locked
Loops
- Transmit Clock Generation
- Receive Clock Extraction
Applications
• Backplane/Bus Extender
• Video, Image Acquisition
• Point to Point Data Links
• Implement SCI-FI Standard
• Implement Serial HIPPI
Specification
data. Parallel data (a frame)
loaded into the Tx (transmitter)
chip is delivered to the Rx
(receiver) chip over a serial
channel, which can be either a
coaxial copper cable or optical
link.
The chip set hides from the user
all the complexity of encoding,
multiplexing, clock extraction,
demultiplexing and decoding.
Unlike other links, the phase-
locked-loop clock extraction
circuit also transparently provides
for frame synchronization–the
user is not troubled with the
periodic insertion of frame syn-
chronization words. In addition,
the dc balance of the line code is
automatically maintained by the
chip set. Thus, the user can
transmit arbitrary data without
restriction. The Rx chip also
includes a state-machine con-
troller (SMC) that provides a
startup handshake protocol for
the duplex link configuration.
The serial data rate of the T/R link
is selectable in four ranges (see
tables on page 5), and extends
from 120 Mbits/s up to 1.25
Gbits/s. The parallel data interface
is 16 or 20 bit TTL, pin select-
able. A flag bit is available and
can be used as an extra 17th or
21st bit under the user’s control.
The flag bit can also be used as an
even or odd frame indicator for
dual-frame transmission. If not
used, the link performs expanded
error detection.
The serial link is synchronous,
and both frame synchronization
and bit synchronization are main-
tained. When data is not available
to send, the link maintains
synchronization by transmitting
fill frames. Two (training) fill
frames are reserved for
handshaking during link startup.
User control space is also sup-
ported. If Control Available is
asserted at the Tx chip, the least
significant 14 or 18 bits of the
data are sent and the Rx Control
Available line will indicate the
data as a Control Word.
It is the intention of this data
sheet to provide the design
engineer all of the information
regarding the HDMP-1022/1024
chipset necessary to design this
product into their application. To
assist you in using this data sheet,
the following Table of Contents is
provided.
HDMP-1022 Transmitter
HDMP-1024 Receiver
Description
The HDMP-1022 transmitter and
the HDMP-1024 receiver are used
to build a high-speed data link for
point-to-point communication.
The monolithic silicon bipolar
transmitter chip and receiver chip
are each provided in a standard
aluminum M-Quad 80 package.
From the user’s viewpoint, these
products can be thought of as
providing a “virtual ribbon cable”
interface for the transmission of
(5/97)


Similar Part No. - HDMP-1024

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1012 HP-HDMP-1012 Datasheet
321Kb / 42P
4Low Cost Gigabit Rate Transmit/Receive Chip Set
HDMP-1014 HP-HDMP-1014 Datasheet
321Kb / 42P
4Low Cost Gigabit Rate Transmit/Receive Chip Set
HDMP-1032 HP-HDMP-1032 Datasheet
346Kb / 32P
1.4 GBd Transmitter/Receiver Chip Set with CIMT Encoder/Decoder and Variable Data Rate
HDMP-1032A HP-HDMP-1032A Datasheet
252Kb / 32P
Transmitter/Receiver Chip Set
HDMP-1034 HP-HDMP-1034 Datasheet
346Kb / 32P
1.4 GBd Transmitter/Receiver Chip Set with CIMT Encoder/Decoder and Variable Data Rate
More results

Similar Description - HDMP-1024

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Agilent(Hewlett-Packard...
HDMP-1012 HP-HDMP-1012 Datasheet
321Kb / 42P
4Low Cost Gigabit Rate Transmit/Receive Chip Set
logo
Intel Corporation
2912A INTEL-2912A Datasheet
680Kb / 12P
PCM TRANSMIT/RECEIVE FILTER
logo
RF Micro Devices
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Texas Instruments
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
Ultrasound Transmit/Receive Switch
logo
RF Micro Devices
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
logo
Texas Instruments
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
Ultrasound Transmit/Receive Switch
logo
Qorvo, Inc
RFFM6909 QORVO-RFFM6909 Datasheet
227Kb / 5P
925MHz Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com