Electronic Components Datasheet Search
  English  ▼

X  

HDMP-1024 Datasheet(PDF) 22 Page - Agilent(Hewlett-Packard)

Part # HDMP-1024
Description  Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1024 Datasheet(HTML) 22 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1024 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 21Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 22Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 23Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 24Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 25Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 26Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
637
Mechanical Dimensions
and Surface Mount
Assembly
Recommendations
Both the HDMP-1022 and
HDMP-1024 are implemented in
an industry standard M-Quad 80
package. The package outline
dimensions conform to JEDEC
plastic QFP specifications and are
shown below in Figure 10. The
M-Quad 80 package material is
aluminum and the leads have
been formed into a “Gull-Wing”
configuration for surface
mounting.
Figure 10. Mechanical Dimensions of HDMP-1022 and HDMP-1024.
We recommend keeping the
package temperature, Tc, below
75
°C. Forced air cooling may be
required.
M-Quad 80 Package Information
Item
Details
Package Material
Aluminum
Lead Finish Material
85/15 Sn/Pb
Lead Finish Thickness
300 - 600
µ inches
Lead Coplanarity
0.004 inches maximum
PIN #1 ID
(0.779
+0.008
-0.002
(0.543 +0.008
-0.002
7 DEG
23.20 ± 0.10
(0.913 ± 0.004)
)
19.786
+0.18
-0.08
17.20 ± 0.10
(0.677 ± 0.004)
)
+0.16
-0.04
13.792
2.64 ± 0.13
(0.104 ± 0.005)
0.80 TYP.
(0.032 TYP.)
0.35 TYP.
(0.014 TYP.)
0.15
(0.006)
0.80 ± 0.13
(0.031 ± 0.00)
0.38 ± 0.05
(0.015 ± 0.002)
TOP VIEW
ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com