Electronic Components Datasheet Search
  English  ▼

X  

HDMP-1024 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HDMP-1024
Description  Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1024 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HDMP-1024 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
620
the transmitter. The clock
generator section performs the
clock multiplication to the
necessary serial clock rate.
By setting EHCLKSEL high, the
user may provide an external high
speed serial clock at STRBIN.
This clock is used directly by the
high speed serial circuitry to
output the serial data.
Control Logic and C-Field
Encoder
The Control Logic is responsible
for determining what information
is serially sent to the output. If
CAV* is low, it sends the data at
D0..D8 and D9..D17 as control
word information. If CAV* is high
and DAV* is low, it sends parallel
word data at the data inputs. If
neither CAV* nor DAV* is set low,
then the transmitter assumes the
link is not being used. In this
state, the control logic triggers
the Data Encoder to send Fill
Frames to maintain the link DC
HDMP-1022 Tx Block
Diagram
The HDMP-1022 was designed to
accept 16 or 20 bit wide parallel
data (frames) and transmit it over
a high speed serial line, while
minimizing the user’s necessary
interface to the high speed cir-
cuitry. In order to accomplish this
task, the HDMP-1022 performs
the following functions:
• Parallel Word Input
• High Speed Clock Multiplication
• Frame Encoding
• Parallel to Serial Multiplexing
PLL/Clock Generator
The Phase Lock-loop and Clock
Generator are responsible for
generating all internal clocks
needed by the transmitter to
perform its functions. These
clocks are based on a supplied
frame clock (STRBIN) and control
signals (M20SEL, MDFSEL,
EHCLKSEL, DIV1, DIV0). In
normal operation (MDFSEL=0),
STRBIN is expected to be the
incoming frame clock. The PLL/
Clock Generator locks on to this
incoming rate and multiplies the
clock up to the needed high speed
serial clock. Based on M20SEL,
which determines whether the
incoming data frame is 16 or 20
bits wide, the PLL/Clock Gener-
ator multiplies the frame rate
clock by 20 or 24 respectively
(data bits + 4 control bits). DIV1/
DIV0 are set to inform the
transmitter of the frequency range
of the incoming data frames. The
internal frame rate clock is
accessible through STRBOUT and
the high speed serial clock is
accessible through HCLK.
When MDFSEL is set high, the
transmitter is in Double Frame
Mode. Using this option, the user
may send a 32 or 40 bit wide data
frame in two segments while
supplying the original 32 or 40 bit
frame clock at STRBIN. Doubling
of the frame rate is performed by
Figure 4. HDMP-1022 Transmitter Block Diagram.
ED
CONTROL
LOGIC
+
C-FIELD
ENCODER
FF
CAV*
DAV*
FLAG
D0-D19
RST*
D-FIELD
ENCODER
SIGN
FRAME
MUX
PLL / CLOCK
GENERATOR
OUTPUT
SELECT
CAP0
CAP1
0.1 µF
STRBOUT
HCLK
LOCKED
DOUT
LOUT
LOOPEN
INV
INTERNAL
CLOCKS
INPUT
LATCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com