Electronic Components Datasheet Search
  English  ▼

X  

HDMP-1024 Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # HDMP-1024
Description  Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1024 Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1024 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 19Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
630
Tx I/O Definition
Name
Pin
Type
Signal
CAP0A
2
C
Loop Filter Capacitor: CAP0A should be shorted to CAP0B. CAP1A
CAP0B
1
should be shorted to CAP1B. A loop filter capacitor of 0.1
µf must be
CAP1A
3
connected across the CAP0 and CAP1 inputs to increase the loop time
CAP1B
4
constant.
CAV*
69
I-TTL
Control Word Available Input: This active-low input tells the chip
that the user is requesting a control word be transmitted. This pin
should only be asserted after the user has determined the RFD line is
active for a given frame cycle. When this pin is asserted, the
information on the Data inputs is sent as a control frame. If CAV and
DAV are asserted simultaneously, CAV takes precedence.
D0
59
I-TTL
Data Inputs: 20 Bit data is encoded and transmitted when M20SEL
D1
58
is active; otherwise the 16 least significant bits are encoded and
D2
57
transmitted. The encoded bits are transmitted LSB first (e.g.: D0 is
D3
56
sent first, through to either D15 or D19, followed by the 4 coding bits
D4
55
C0-C3).
D5
54
D6
53
D7
51
D8
50
D9
49
D10
48
D11
47
D12
46
D13
45
D14
40
D15
39
D16
38
D17
37
D18
36
D19
35
DAV*
70
I-TTL
Data Available Input: This active-low input tells the chip that the
user has valid data to be transmitted. This pin should be asserted only
after the user has determined that the RFD line is active for a given
frame cycle. When this pin is asserted, the information on the Data
and Flag inputs is encoded and sent as a Data frame.
DIV0
19
I-TTL
VCO Divider Select: These two pins program the VCO divider chain
DIV1
20
to operate at full speed, half speed, quarter speed, or one-eighth speed.
DOUT
17
O-BLL
Normal Serial Data Output: Output used when LOOPEN is not
DOUT*
18
active. This output is a special buffer line logic driver, which is a 50
Ω
back-terminated ECL compatible output.
ED
67
I-TTL
Enable Data: This signal comes from the Rx chip state machine and
is used to control the RFD output of the Tx chip. The state machine
only allows data to be enabled when both sides of the link have
established stable lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com