Electronic Components Datasheet Search
  English  ▼

X  

GMS81608PL Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # GMS81608PL
Description  LG Semicon 8-bit Microcontrollers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81608PL Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button GMS81608PL Datasheet HTML 12Page - Hynix Semiconductor GMS81608PL Datasheet HTML 13Page - Hynix Semiconductor GMS81608PL Datasheet HTML 14Page - Hynix Semiconductor GMS81608PL Datasheet HTML 15Page - Hynix Semiconductor GMS81608PL Datasheet HTML 16Page - Hynix Semiconductor GMS81608PL Datasheet HTML 17Page - Hynix Semiconductor GMS81608PL Datasheet HTML 18Page - Hynix Semiconductor GMS81608PL Datasheet HTML 19Page - Hynix Semiconductor GMS81608PL Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Symbol
Condition
Specifications
Unit
Min.
Max.
Supply Voltage
VDD
fXIN = 8 MHz
fXIN = 4 MHz
4.5
2.4
5.5
5.5
V
Operating Frequency
fXIN
VDD = 4.5~5.5V
VDD = 2.4~5.5V
1
1
8
4.2
MHz
Operating Temperature
TOPR
-20
85
°C
Supply Voltage . . . . . . . . . . . . . . . -0.3 to +6.0 V
Storage Temperature . . . . . . . . . . . . -40 to +125
°C
Voltage on any pin with
respect to Ground (VSS) . . . . . . -0.3 to VDD+0.3 V
Maximum current out of VSS pin . . . . . . . . . 150 mA
Maximum current into VDD pin . . . . . . . . . 100 mA
Maximum current sunk by (IOL per I/O Pin) . . . . 20 mA
Maximum output current sourced
by (IOH per I/O Pin) . . . . . . . . . . . . . . . 8 mA
Maximum current (
Σ IOL) . . . . . . . . . . . . 120 mA
Maximum current (
Σ IOH) . . . . . . . . . . . . . 50 mA
Notice:
Stresses above those listed under "Absolute Maxi-
mum Ratings" may cause permanent damage to
the device. This is a stress rating only and func-
tional operation of the device at these of any
other conditions above those indicated in the op-
erational sections of this specification is not im-
plied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
GMS81604/08
LG Semicon
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com