Electronic Components Datasheet Search
  English  ▼

X  

GMS81608PL Datasheet(PDF) 53 Page - Hynix Semiconductor

Part # GMS81608PL
Description  LG Semicon 8-bit Microcontrollers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81608PL Datasheet(HTML) 53 Page - Hynix Semiconductor

Back Button GMS81608PL Datasheet HTML 49Page - Hynix Semiconductor GMS81608PL Datasheet HTML 50Page - Hynix Semiconductor GMS81608PL Datasheet HTML 51Page - Hynix Semiconductor GMS81608PL Datasheet HTML 52Page - Hynix Semiconductor GMS81608PL Datasheet HTML 53Page - Hynix Semiconductor GMS81608PL Datasheet HTML 54Page - Hynix Semiconductor GMS81608PL Datasheet HTML 55Page - Hynix Semiconductor GMS81608PL Datasheet HTML 56Page - Hynix Semiconductor GMS81608PL Datasheet HTML 57Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
GMS81608T (OTP) PROGRAMMING
The GMS81608T is one-time PROM (OTP) micro-
controller with 8K bytes electrically programmable
read only memory for the GMS81604/08 system
evaluation, first production and fast mass production.
The programming to the OTP device, user can have
two way. One is using the universal programmer which
is support LGS microcontrollers, other is using the
general EPROM programmer.
1. Using the Universal programmer
Third party universal programmer support to program
the GMS81608T microcontrollers and lists are shown
as below.
Manufacturer: Advantech
Web site: http://www.aec.com.tw
Programmer: LabTool-48
Manufacturer: Hi-Lo systems
Web site: http://www.hilosystems.com.tw
Programmer: ALL-11, GANG-08
Socket adapters are supported by third party program-
mer manufacturer.
2. Using the general EPROM(27C256)
programmer
The programming algorithm is simmilar with the stan-
dart EPROM 27C256. It give some convience that user
can use standard EPROM programmer. Make sure
that 1ms programming pulse must be used, it gener-
ally called "Intelligent Mode". Do not use 100us
programming pulse mode, "Quick Pulse Mode".
When user use general EPROM programmer, socket
adaper is essencially required. It convert pin to fit the
pin of general 27C256 EPROM.
Three type socket adapters are provided according to
package variation as below table.
Socket Adapter
Package Type
OA816A-40SD
40 pin DIP
OA816A-42SD
42 pin SDIP
OA816A-42PL
44 pin PLCC
W ith these socket adapters, the GMS81608T can easy
be programming and verifying using 27C256 EPROM
mode on general-purpose PROM programmer.
In assembler and file type, two files are generated after
compiling. One is "*.HEX", another is "*.OTP". The
"*.HEX" file is used for emulation in circuit emulator
(CHOICE-DrTM or CHOICE-JrTM) and "*.OTP" file
is used for programming to the OTP device.
Programming Procedure
1. Select the EPROM device and manufacturer on
EPROM programmer (Intel 27C256).
2. Select the programming algorithm as an Intelligent
mode (apply 1ms writing pulse), not a Quick pulse
mode.
3. Load the file (*.OTP) to the programmer.
4. Set the programming address range as below table.
Address
Set Value
Buffer start address
6000H
Buffer end address
7FFFH
Device start address
6000H
5. Mount the socket adapter with the GMS81608T on
the PROM programmer.
6. Start the PROM programmer to programming/
verifying.
LG Semicon
GMS81604/08
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com