Electronic Components Datasheet Search
  English  ▼

X  

GMS81608PL Datasheet(PDF) 44 Page - Hynix Semiconductor

Part # GMS81608PL
Description  LG Semicon 8-bit Microcontrollers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81608PL Datasheet(HTML) 44 Page - Hynix Semiconductor

Back Button GMS81608PL Datasheet HTML 40Page - Hynix Semiconductor GMS81608PL Datasheet HTML 41Page - Hynix Semiconductor GMS81608PL Datasheet HTML 42Page - Hynix Semiconductor GMS81608PL Datasheet HTML 43Page - Hynix Semiconductor GMS81608PL Datasheet HTML 44Page - Hynix Semiconductor GMS81608PL Datasheet HTML 45Page - Hynix Semiconductor GMS81608PL Datasheet HTML 46Page - Hynix Semiconductor GMS81608PL Datasheet HTML 47Page - Hynix Semiconductor GMS81608PL Datasheet HTML 48Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 79 page
background image
BRK Interrupt
Software interrupt can be invoked by BRK instruction,
which is the lowest priority order.
Interrupt vector address of BRK is shared with the
vector of TCALL0 (Refer to Program Memory Sec-
tion). When BRK interrupt is generated, B-flag of
PSW is set to distinguish BRK from TCALL0.
Each processing step is determined by B-flag as shown
below.
Multiple Interrupt
If two requests of different priority levels are received
simultaneously, the request of higher priority level is
serviced. If requests of the same priority level are
received simultaneously, an internal polling sequence
determines by hardware which request is serviced.
Hardware interrupt priority is shown in Page37.
However, multiple processing through software for
special features is possible. Generally when an inter-
rupt is accepted, the I-flag is cleared to disable any
further interrupt. But as user set I-flag in interrupt
routine, some further interrupt can be serviced even if
certain interrupt is in progress.
B-FLAG
RETI
BRK or
TCALL0
BRK
INTERRUPT
ROUTINE
TCALL0
ROUTINE
RET
= 0
= 1
Figure 33. Execution of BRK/ TCALL0
MOV
IENH,#80H
MOV
IENL,#00H
EI
RETI
Occur
TIMER 0 INTERRUPT
INT0
ROUTINE
RETI
MAIN
ROUTINE
TIMER 0
ROUTINE
MOV
IENH,#FFH
MOV
IENL,#FFH
INT 0
ROUTINE
In this example, the INT0 interrupt can be serviced without any
pending, even TIMER 0 is in progress.
Because of re-setting the interrupt enable registers IENH, IENL
and master enable flag "EI" in the Timer/Counter 0 routine.
Figure 34. Execution of Multi-Interrupt
GMS81604/08
LG Semicon
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com