Electronic Components Datasheet Search
  English  ▼

X  

GMS81608PL Datasheet(PDF) 52 Page - Hynix Semiconductor

Part # GMS81608PL
Description  LG Semicon 8-bit Microcontrollers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81608PL Datasheet(HTML) 52 Page - Hynix Semiconductor

Back Button GMS81608PL Datasheet HTML 48Page - Hynix Semiconductor GMS81608PL Datasheet HTML 49Page - Hynix Semiconductor GMS81608PL Datasheet HTML 50Page - Hynix Semiconductor GMS81608PL Datasheet HTML 51Page - Hynix Semiconductor GMS81608PL Datasheet HTML 52Page - Hynix Semiconductor GMS81608PL Datasheet HTML 53Page - Hynix Semiconductor GMS81608PL Datasheet HTML 54Page - Hynix Semiconductor GMS81608PL Datasheet HTML 55Page - Hynix Semiconductor GMS81608PL Datasheet HTML 56Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 79 page
background image
UNUSED PORTS
All unused ports should be set properly that current
flow through the port does not exist.
First conseider the setting to input mode. Be sure that
there is no current flow after considering its relation-
ship with external circuit. In input mode, the pin im-
pedance viewing from external MCU is very high that
the current does not flow.
But input voltage level should be VSS or VDD. Be
careful that if unspecified voltage, i.e. if unfirmed
voltage level is applied to input pin, there can be little
current ( max. 1mA at around 2V) flow.
If it is not appropriate to set to input mode, then set to
output mode considering there is no current flow.
Setting to High or Low is decided considering its
relationship with external circuit. For example, if there
is external pull-up resistor then it is set to output mode,
i.e. to High, and if there is external pull-down register,
it is set to low.
GMS81604/08
LG Semicon
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com