Electronic Components Datasheet Search
  English  ▼

X  

GMS81608PL Datasheet(PDF) 47 Page - Hynix Semiconductor

Part # GMS81608PL
Description  LG Semicon 8-bit Microcontrollers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81608PL Datasheet(HTML) 47 Page - Hynix Semiconductor

Back Button GMS81608PL Datasheet HTML 43Page - Hynix Semiconductor GMS81608PL Datasheet HTML 44Page - Hynix Semiconductor GMS81608PL Datasheet HTML 45Page - Hynix Semiconductor GMS81608PL Datasheet HTML 46Page - Hynix Semiconductor GMS81608PL Datasheet HTML 47Page - Hynix Semiconductor GMS81608PL Datasheet HTML 48Page - Hynix Semiconductor GMS81608PL Datasheet HTML 49Page - Hynix Semiconductor GMS81608PL Datasheet HTML 50Page - Hynix Semiconductor GMS81608PL Datasheet HTML 51Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 79 page
background image
Basic interval timer is activated on wake-up. It is
incremented from 00H until FFH then 00H. The count
overflow is set to start normal operation. Therefore,
before STOP instruction, user must be set its relevant
prescaler divide ratio to have long enough time (more
than 20msec). This guarantees that crystal oscillator
has started and stabilized.
By reset, exit from Stop mode is shown in Figure 38.
M inimizing Current Consumption in
Stop Mode
The Stop mode is designed to reduce power consump-
tion. To minimize current drawn during Stop mode,
the user should turn-off output drivers that are sourcing
or sinking current, if it is practical. Weak pull-ups on
port pins should be turned off, if possible. All inputs
should be either as VSS or at VDD (or as close to rail as
possible). An intermediate voltage on an input pin
causes the input buffer to draw a significant amount of
current.
Wake-up and Reset Function Table
Event
Chip Status
before event
Chip function after event
PC
Oscillator
Circuit
RESET
Do not care
Vector
on
STOP instruction
Normal operation
N+1
off
External Interrupt
Normal operation
Vector
on
External Interrupt Wake-up
Stop, I-flag = 1
Stop, I-flag = 0
Vector
N+1
on
on
PC: Program Counter contents after the event.
N: Address of STOP instruction.
STOP MODE
RESET
INTERNAL
CLOCK
OSCILLATOR
STOP INSTRUCTION
EXECUTION
tST = 64 ms
at 8 MHz
STABILIZATION TIME
Time can not be control by software.
Figure 38. Timing of Stop Mode Release by Reset
LG Semicon
GMS81604/08
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com