Electronic Components Datasheet Search
  English  ▼

X  

GMS81608PL Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # GMS81608PL
Description  LG Semicon 8-bit Microcontrollers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81608PL Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button GMS81608PL Datasheet HTML 17Page - Hynix Semiconductor GMS81608PL Datasheet HTML 18Page - Hynix Semiconductor GMS81608PL Datasheet HTML 19Page - Hynix Semiconductor GMS81608PL Datasheet HTML 20Page - Hynix Semiconductor GMS81608PL Datasheet HTML 21Page - Hynix Semiconductor GMS81608PL Datasheet HTML 22Page - Hynix Semiconductor GMS81608PL Datasheet HTML 23Page - Hynix Semiconductor GMS81608PL Datasheet HTML 24Page - Hynix Semiconductor GMS81608PL Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
0.5
1.0
1.5
2.0
0
IOL - V OL
5
10
15
20
IOL
(mA)
VDD=3.0V
T A=25
°C
VOL
(V)
VDD =3.0V
0.5
1.0
1.5
2.0
0
IOH - V OH
-2
-4
-6
-8
IOH
(mA)
VDD-VOH
(V)
V DD=3.0V
TA=25
°C
LG Semicon
GMS81604/08
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com