Electronic Components Datasheet Search
  English  ▼

X  

GMS81608PL Datasheet(PDF) 41 Page - Hynix Semiconductor

Part # GMS81608PL
Description  LG Semicon 8-bit Microcontrollers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81608PL Datasheet(HTML) 41 Page - Hynix Semiconductor

Back Button GMS81608PL Datasheet HTML 37Page - Hynix Semiconductor GMS81608PL Datasheet HTML 38Page - Hynix Semiconductor GMS81608PL Datasheet HTML 39Page - Hynix Semiconductor GMS81608PL Datasheet HTML 40Page - Hynix Semiconductor GMS81608PL Datasheet HTML 41Page - Hynix Semiconductor GMS81608PL Datasheet HTML 42Page - Hynix Semiconductor GMS81608PL Datasheet HTML 43Page - Hynix Semiconductor GMS81608PL Datasheet HTML 44Page - Hynix Semiconductor GMS81608PL Datasheet HTML 45Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 79 page
background image
INTERRUPTS
The GMS81604/08 interrupt circuits consist of Inter-
rupt enable register (IENH, IENL), Interrupt request
flags of IRQH, IRQL, priority circuit and Master en-
able flag(I flag of PSW). The configuration of interrupt
circuit is shown in Figure 28.
12 interrupt sources are provided including the Reset.
Interrupt source
Symbol
Priority
Hardware RESET
External Interrupt 0
External Interrupt 1
External Interrupt 2
External Interrupt 3
Timer/Counter 0
Timer/Counter 1
Timer/Counter 2
Timer/Counter 3
AD Converter
Watch dog timer
Basic interval timer
RST
INT0IF
INT1IF
INT2IF
INT3IF
T0IF
T1IF
T2IF
T3IF
AIF
WDTIF
BITIF
1
2
3
4
5
6
7
8
9
10
11
12
*Vector addresses are shown in Program Memory
section.
The External Interrupts INT0~INT3 can each be tran-
sition-activated, depending on interrupt edge selection
register.
The Timer 0~Timer 3 Interrupts are generated by T0IF
~T3IF, which are set by a match in their respective
timer/counter register.
The AD converter Interrupt is generated by AIF which
is set by finishing the analog to digital conversion.
The Watch dog timer Interrupt is generated by WDTIF
which set by a match in Watch dog timer register.
The Basic Interval Timer Interrupt is generated by
BITIF which are set by a overflow in the timer/counter
register.
The interrupts are controlled by the interrupt master
enable flag I-flag (bit 2 of PSW), the interrupt enable
register (IENH, IENL) and the interrupt request flags
(in IRQH, IRQL) except Power-on reset and software
BRK interrupt.
Interrupt enable registers are shown in Figure 29.
These registers are composed of interrupt enable flags
of each interrupt source, these flags determines
INT0IF
INT1IF
INT2IF
INT3IF
T0IF
T1IF
T2IF
T3IF
AIF
WDTIF
BITIF
PRIORITY
CONTROL
INT2
RESET
BRK (Software Interrupt)
I-FLAG
1
0
I-flag is in PSW, it is cleared by "DI", set by "EI"
instruction.
When it goes interrupt service, I-flag is cleared by
hardware, thus any other interrupt are inhibited.
When interrupt service is completed by "RETI"
instruction, I-flag is set to "1" by hardware.
IENH
IENL
IRQH
IRQL
INT1
INT0
INT3
TIMER 0
TIMER 1
TIMER 2
TIMER 3
ADC
WDT
BASIC INTERVAL
TIMER
TO CPU
MSB
LSB
BIT 7
BIT 6
BIT 5
RELEASE THE STOP
(IF IN STOP MODE)
Master Enable Flag
0
1
Figure 28. Block Diagram of Interrupt Function
LG Semicon
GMS81604/08
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com