Electronic Components Datasheet Search
  English  ▼

X  

GMS81608PL Datasheet(PDF) 35 Page - Hynix Semiconductor

Part # GMS81608PL
Description  LG Semicon 8-bit Microcontrollers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81608PL Datasheet(HTML) 35 Page - Hynix Semiconductor

Back Button GMS81608PL Datasheet HTML 31Page - Hynix Semiconductor GMS81608PL Datasheet HTML 32Page - Hynix Semiconductor GMS81608PL Datasheet HTML 33Page - Hynix Semiconductor GMS81608PL Datasheet HTML 34Page - Hynix Semiconductor GMS81608PL Datasheet HTML 35Page - Hynix Semiconductor GMS81608PL Datasheet HTML 36Page - Hynix Semiconductor GMS81608PL Datasheet HTML 37Page - Hynix Semiconductor GMS81608PL Datasheet HTML 38Page - Hynix Semiconductor GMS81608PL Datasheet HTML 39Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 79 page
background image
16-bit Timer/Counter Mode
The Timer register is being run with all 16 bits. A 16-bit
timer/counter register T0, T1 are incremented from
0000H until it matches TDR0, TDR1 and then resets
to 0000H. The match output generates Timer 0 inter-
rupt.
The clock source of the Timer 0 is selected either
internal or external clock by bit T0SL1, T0SL0.
Even if the Timer 0 (including the Timer 1) is used as
a 16-bit timer, the Timer 2 and Timer 3 can still be used
as either two 8-bit timer or one 16-bit timer by setting
the TM2. Reversely, even if the Timer 2 (including the
Timer 3) is used as a 16-bit timer, the Timer 0 and
Timer 1 can still be used as 8-bit timer independently.
TM0
CAP0
T1ST
T1SL1
T1SL0
T0ST
T0CN
T0SL1
T0SL0
0
X
0
0
X
X
X
X
MSB
LSB
÷ 4
÷ 16
÷ 64
TDR0
(8-BITS)
TIMER 0
INTERRUPT
T0SL[1:0]
XIN PIN
EC0 PIN
T0
(8-BITS)
T0CN
COMPARATOR
T0ST
CLEAR
T0IF
MUX
PRESCALER
TIMER 0
TDR1
(8-BITS)
T1
(8-BITS)
THIS FIGURE IS A EXAMPLE OF THE TIMER 0 AND
TIMER 1.
IN THE TIMER 2, EACH REGISTERS AND FLAGS MAY BE
CHANGED CORRESPONDINGLY.
(NOT TIMER 1 INTERRUPT)
EDGE DETECTOR
0: Stop
1: Clear and Start
ADDRESS: E2H
RESET VALUE: 00H
HIGHER
LOWER
(+TIMER1)
1
0
DO NOT CARE
Figure 19. 16-bit Timer/Counter Mode
TDR0
MATCH
00H
TIMER
INTERRUPT
TIME
CLEAR
CLEAR
CLEAR
OCCUR INTERRUPT
OCCUR INTERRUPT
MATCH
Clear and Start
Stop
Stop
TxST
TxCN
Restart
Count Up
HIGH
LOW
HIGH
LOW
Figure 20. Timer Count Operation
LG Semicon
GMS81604/08
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com