Electronic Components Datasheet Search
  English  ▼

X  

GMS81608PL Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # GMS81608PL
Description  LG Semicon 8-bit Microcontrollers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81608PL Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button GMS81608PL Datasheet HTML 35Page - Hynix Semiconductor GMS81608PL Datasheet HTML 36Page - Hynix Semiconductor GMS81608PL Datasheet HTML 37Page - Hynix Semiconductor GMS81608PL Datasheet HTML 38Page - Hynix Semiconductor GMS81608PL Datasheet HTML 39Page - Hynix Semiconductor GMS81608PL Datasheet HTML 40Page - Hynix Semiconductor GMS81608PL Datasheet HTML 41Page - Hynix Semiconductor GMS81608PL Datasheet HTML 42Page - Hynix Semiconductor GMS81608PL Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
LSB
MSB
ADEN
-
ADS2
ADS1
ADST
ADS0
ADSF
-
ADCM
A/D status bit
0: A/D conversion is in process.
1: A/D conversion is completed, not in
process.
A/D start bit
1: Setting this bit starts an A/D conversion.
After one cycle, bit is cleared to "0".
0: Bit force to zero.
Analog channel select
000: channel 0 (R60/AN0)
001: channel 1 (R61/AN1)
010: channel 2 (R62/AN2)
011: channel 3 (R63/AN3)
100: channel 4 (R64/AN4)
101: channel 5 (R65/AN5)
110: channel 6 (R66/AN6)
111: channel 7 (R67/AN7)
A/D converter Enable bit
0: A/D converter module shut off and
consumes no operating current.
1: Enable A/D converter
RESERVED
ADDRESS: E8H
RESET VALUE: --00001
R/W
R/W
R/W
R/W
R/W
R
Figure 24. ADCM: A/D Converter Control Register
LG Semicon
GMS81604/08
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com