Electronic Components Datasheet Search
  English  ▼

X  

80188 Datasheet(PDF) 8 Page - Intel Corporation

Part # 80188
Description  HIGH-INTEGRATION 16-BIT MICROPROCESSORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80188 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 80188 Datasheet HTML 4Page - Intel Corporation 80188 Datasheet HTML 5Page - Intel Corporation 80188 Datasheet HTML 6Page - Intel Corporation 80188 Datasheet HTML 7Page - Intel Corporation 80188 Datasheet HTML 8Page - Intel Corporation 80188 Datasheet HTML 9Page - Intel Corporation 80188 Datasheet HTML 10Page - Intel Corporation 80188 Datasheet HTML 11Page - Intel Corporation 80188 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8018680188
Table 1 Pin Descriptions
(Continued)
Symbol
Pin
Type
Name and Function
No
HOLD
50
I
HOLD indicates that another bus master is requesting the local bus The
HOLD input is active HIGH HOLD may be asynchronous with respect to the
HLDA
51
O
processor clock The processor will issue a HLDA (HIGH) in response to a
HOLD request at the end of T4 or Ti Simultaneous with the issuance of
HLDA the processor will float the local bus and control lines After HOLD is
detected as being LOW the processor will lower HLDA When the processor
needs to run another bus cycle it will again drive the local bus and control
lines
UCS
34
O
Upper Memory Chip Select is an active LOW output whenever a memory
reference is made to the defined upper portion (1K – 256K block) of memory
This line is not floated during bus HOLD The address range activating UCS is
software programmable
LCS
33
O
Lower Memory Chip Select is active LOW whenever a memory reference is
made to the defined lower portion (1K – 256K) of memory This line is not
floated during bus HOLD The address range activating LCS is software
programmable
MCS0
38
O
Mid-Range Memory Chip Select signals are active LOW when a memory
reference is made to the defined mid-range portion of memory (8K – 512K)
MCS1
37
O
These lines are not floated during bus HOLD The address ranges activating
MCS2
36
O
MCS0 – 3 are software programmable
MCS3
35
O
PCS0
25
O
Peripheral Chip Select signals 0 – 4 are active LOW when a reference is made
to the defined peripheral area (64 Kbyte IO space) These lines are not
PCS1
27
O
floated during bus HOLD The address ranges activating PCS0 – 4 are
PCS2
28
O
software programmable
PCS3
29
O
PCS4
30
O
PCS5 A1
31
O
Peripheral Chip Select 5 or Latched A1 may be programmed to provide a
sixth peripheral chip select or to provide an internally latched A1 signal The
address range activating PCS5 is software-programmable PCS5 A1 does
not float during bus HOLD When programmed to provide latched A1 this pin
will retain the previously latched value during HOLD
PCS6 A2
32
O
Peripheral Chip Select 6 or Latched A2 may be programmed to provide a
seventh peripheral chip select or to provide an internally latched A2 signal
The address range activating PCS6 is software programmable PCS6 A2
does not float during bus HOLD When programmed to provide latched A2
this pin will retain the previously latched value during HOLD
DTR
40
O
Data TransmitReceive controls the direction of data flow through an
external data bus transceiver When LOW data is transferred to the
processsor When HIGH the processor places write data on the data bus
DEN
39
O
Data Enable is provided as a data bus transceiver output enable DEN is
active LOW during each memory and IO access DEN is HIGH whenever
DTR changes state During RESET DEN is driven HIGH for one clock then
floated DEN also floats during HOLD
NOTE
Pin names in parentheses apply to the 80188
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com