Electronic Components Datasheet Search
  English  ▼

X  

80188 Datasheet(PDF) 7 Page - Intel Corporation

Part # 80188
Description  HIGH-INTEGRATION 16-BIT MICROPROCESSORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80188 Datasheet(HTML) 7 Page - Intel Corporation

Back Button 80188 Datasheet HTML 3Page - Intel Corporation 80188 Datasheet HTML 4Page - Intel Corporation 80188 Datasheet HTML 5Page - Intel Corporation 80188 Datasheet HTML 6Page - Intel Corporation 80188 Datasheet HTML 7Page - Intel Corporation 80188 Datasheet HTML 8Page - Intel Corporation 80188 Datasheet HTML 9Page - Intel Corporation 80188 Datasheet HTML 10Page - Intel Corporation 80188 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
8018680188
Table 1 Pin Descriptions
(Continued)
Symbol
Pin
Type
Name and Function
No
RD QSMD
62
IO
Read Strobe is an active LOW signal which indicates that the processor is
performing a memory or IO read cycle It is guaranteed not to go LOW
before the AD bus is floated An internal pull-up ensures that RD is HIGH
during RESET Following RESET the pin is sampled to determine whether
the processor is to provide ALE RD and WR or queue status information
To enable Queue Status Mode RD must be connected to GND RD will
float during bus HOLD
ARDY
55
I
Asynchronous Ready informs the processor that the addressed memory
space or IO device will complete a data transfer The ARDY pin accepts a
rising edge that is asynchronous to CLKOUT and is active HIGH The
falling edge of ARDY must be synchronized to the processor clock
Connecting ARDY HIGH will always assert the ready condition to the CPU
If this line is unused it should be tied LOW to yield control to the SRDY pin
SRDY
49
I
Synchronous Ready informs the processor that the addressed memory
space or IO device will complete a data transfer The SRDY pin accepts an
active-HIGH input synchronized to CLKOUT The use of SRDY allows a
relaxed system timing over ARDY This is accomplished by elimination of
the one-half clock cycle required to internally synchronize the ARDY input
signal Connecting SRDY high will always assert the ready condition to the
CPU If this line is unused it should be tied LOW to yield control to the
ARDY pin
LOCK
48
O
LOCK output indicates that other system bus masters are not to gain
control of the system bus while LOCK is active LOW The LOCK signal is
requested by the LOCK prefix instruction and is activated at the beginning
of the first data cycle associated with the instruction following the LOCK
prefix It remains active until the completion of that instruction No
instruction prefetching will occur while LOCK is asserted When executing
more than one LOCK instruction always make sure there are 6 bytes of
code between the end of the first LOCK instruction and the start of the
second LOCK instruction LOCK is driven HIGH for one clock during RESET
and then floated
S0
52
O
Bus cycle status S0 –S2 are encoded to provide bus-transaction
information
S1
53
O
S2
54
O
Bus Cycle Status Information
S2
S1
S0
Bus Cycle Initiated
0
0
0
Interrupt Acknowledge
0
0
1
Read IO
0
1
0
Write IO
0
1
1
Halt
1
0
0
Instruction Fetch
1
0
1
Read Data from Memory
1
1
0
Write Data to Memory
1
1
1
Passive (no bus cycle)
The status pins float during HOLD
S2 may be used as a logical MIO indicator and S1 as a DTR indicator
NOTE
Pin names in parentheses apply to the 80188
7
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com