Electronic Components Datasheet Search
  English  ▼

X  

80188 Datasheet(PDF) 5 Page - Intel Corporation

Part # 80188
Description  HIGH-INTEGRATION 16-BIT MICROPROCESSORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80188 Datasheet(HTML) 5 Page - Intel Corporation

  80188 Datasheet HTML 1Page - Intel Corporation 80188 Datasheet HTML 2Page - Intel Corporation 80188 Datasheet HTML 3Page - Intel Corporation 80188 Datasheet HTML 4Page - Intel Corporation 80188 Datasheet HTML 5Page - Intel Corporation 80188 Datasheet HTML 6Page - Intel Corporation 80188 Datasheet HTML 7Page - Intel Corporation 80188 Datasheet HTML 8Page - Intel Corporation 80188 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
8018680188
Table 1 Pin Descriptions
Symbol
Pin
Type
Name and Function
No
VCC
9I
SYSTEM POWER a
5 volt power supply
43
VSS
26
I
System Ground
60
RESET
57
O
Reset Output indicates that the CPU is being reset and can be used as a system
reset It is active HIGH synchronized with the processor clock and lasts an
integer number of clock periods corresponding to the length of the RES signal
X1
59
I
Crystal Inputs X1 and X2 provide external connections for a fundamental mode
parallel resonant crystal for the internal oscillator Instead of using a crystal an
X2
58
O
external clock may be applied to X1 while minimizing stray capacitance on X2
The input or oscillator frequency is internally divided by two to generate the
clock signal (CLKOUT)
CLKOUT
56
O
Clock Output provides the system with a 50% duty cycle waveform All device
pin timings are specified relative to CLKOUT
RES
24
I
An active RES causes the processor to immediately terminate its present
activity clear the internal logic and enter a dormant state This signal may be
asynchronous to the processor clock The processor begins fetching
instructions approximately 6
clock cycles after RES is returned HIGH For
proper initialization VCC must be within specifications and the clock signal must
be stable for more than 4 clocks with RES held LOW RES is internally
synchronized This input is provided with a Schmitt-trigger to facilitate power-on
RES generation via an RC network
TEST
47
IO
TEST is examined by the WAIT instruction If the TEST input is HIGH when
‘‘WAIT’’ execution begins instruction execution will suspend TEST will be
resampled until it goes LOW at which time execution will resume If interrupts
are enabled while the processor is waiting for TEST interrupts will be serviced
During power-up active RES is required to configure TEST as an input This pin
is synchronized internally
TMR IN 0
20
I
Timer Inputs are used either as clock or control signals depending upon the
programmed timer mode These inputs are active HIGH (or LOW-to-HIGH
TMR IN 1
21
I
transitions are counted) and internally synchronized
TMR OUT 0
22
O
Timer outputs are used to provide single pulse or continous waveform
generation depending upon the timer mode selected
TMR OUT 1
23
O
DRQ0
18
I
DMA Request is asserted HIGH by an external device when it is ready for DMA
Channel 0 or 1 to perform a transfer These signals are level-triggered and
DRQ1
19
I
internally synchronized
NMI
46
I
The Non-Maskable Interrupt input causes a Type 2 interrupt An NMI transition
from LOW to HIGH is latched and synchronized internally and initiates the
interrupt at the next instruction boundary NMI must be asserted for at least one
clock The Non-Maskable Interrupt cannot be avoided by programming
INT0
45
I
Maskable Interrupt Requests can be requested by activating one of these pins
When configured as inputs these pins are active HIGH Interrupt Requests are
INT1SELECT
44
I
synchronized internally INT2 and INT3 may be configured to provide active-
INT2INTA0
42
IO
LOW interrupt-acknowledge output signals All interrupt inputs may be
INT3INTA1 IRQ
41
IO
configured to be either edge- or level-triggered To ensure recognition all
interrupt requests must remain active until the interrupt is acknowledged When
Slave Mode is selected the function of these pins changes (see Interrupt
Controller section of this data sheet)
NOTE
Pin names in parentheses apply to the 80188
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com