Electronic Components Datasheet Search
  English  ▼

X  

80188 Datasheet(PDF) 15 Page - Intel Corporation

Part # 80188
Description  HIGH-INTEGRATION 16-BIT MICROPROCESSORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80188 Datasheet(HTML) 15 Page - Intel Corporation

Back Button 80188 Datasheet HTML 11Page - Intel Corporation 80188 Datasheet HTML 12Page - Intel Corporation 80188 Datasheet HTML 13Page - Intel Corporation 80188 Datasheet HTML 14Page - Intel Corporation 80188 Datasheet HTML 15Page - Intel Corporation 80188 Datasheet HTML 16Page - Intel Corporation 80188 Datasheet HTML 17Page - Intel Corporation 80188 Datasheet HTML 18Page - Intel Corporation 80188 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
8018680188
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature under Bias
0 Cto70 C
Storage Temperature
b
65 Cto a150 C
Voltage on any Pin with
Respect to Ground
b
10V to a7V
Power Dissipation
3W
NOTICE This is a production data sheet The specifi-
cations are subject to change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
DC CHARACTERISTICS (TA e 0 Cto a70 C VCC e 5V g10%)
Applicable to 8 MHz and 10 MHz devices
Symbol
Parameter
Min
Max
Units
Test Conditions
VIL
Input Low Voltage
b
05
a
08
V
VIH
Input High Voltage
20
VCC a 05
V
(All except X1 and (RES)
VIH1
Input High Voltage (RES)
30
VCC a 05
V
VOL
Output Low Voltage
045
V
Ia e 25 mA for S0–S2
Ia e 20 mA for all other Outputs
VOH
Output High Voltage
24
V
Ioa eb400 mA
ICC
Power Supply Current
600
mA
TA eb40 C
550
mA
TA e 0 C
415
mA
TA ea70 C
ILI
Input Leakage Current
g
10
m
A0V k VIN k VCC
ILO
Output Leakage Current
g
10
m
A
045V k VOUT k VCC
VCLO
Clock Output Low
06
V
Ia e 40 mA
VCHO
Clock Output High
40
V
Ioa eb200 mA
VCLI
Clock Input Low Voltage
b
05
06
V
VCHI
Clock Input High Voltage
39
VCC a 10
V
CIN
Input Capacitance
10
pF
CIO
IO Capacitance
20
pF
For extended temperature parts only
15
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com