Electronic Components Datasheet Search
  English  ▼

X  

80188 Datasheet(PDF) 9 Page - Intel Corporation

Part # 80188
Description  HIGH-INTEGRATION 16-BIT MICROPROCESSORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80188 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 80188 Datasheet HTML 5Page - Intel Corporation 80188 Datasheet HTML 6Page - Intel Corporation 80188 Datasheet HTML 7Page - Intel Corporation 80188 Datasheet HTML 8Page - Intel Corporation 80188 Datasheet HTML 9Page - Intel Corporation 80188 Datasheet HTML 10Page - Intel Corporation 80188 Datasheet HTML 11Page - Intel Corporation 80188 Datasheet HTML 12Page - Intel Corporation 80188 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
8018680188
FUNCTIONAL DESCRIPTION
Introduction
The following Functional Description describes the
base architecture of the 80186 The 80186 is a very
high integration 16-bit microprocessor It combines
15 – 20 of the most common microprocessor system
components onto one chip while providing twice the
performance of the standard 8086 The 80186 is ob-
ject code compatible with the 80868088 microproc-
essors and adds 10 new instruction types to the
80868088 instruction set
For more detailed information on the architecture
please refer to the 80C186XL80C188XL User’s
Manual The 80186 and the 80186XL devices are
functionally and register compatible
CLOCK GENERATOR
The processor provides an on-chip clock generator
for both internal and external clock generation The
clock generator features a crystal oscillator a divide-
by-two counter
synchronous and asynchronous
ready inputs and reset circuitry
Oscillator
The oscillator circuit is designed to be used with a
parallel resonant fundamental mode crystal This is
used as the time base for the processor The crystal
frequency selected will be double the CPU clock fre-
quency Use of an LC or RC circuit is not recom-
mended with this oscillator If an external oscillator is
used it can be connected directly to the input pin X1
in lieu of a crystal The output of the oscillator is not
directly available outside the processor The recom-
mended crystal configuration is shown in Figure 5
x
80186-10 (10 MHz) 20
272430 – 5
80186
(8 MHz) 16
Figure 5 Recommended
Crystal Configuration
Intel recommends the following values for crystal se-
lection parameters
Temperature Range
0 to 70 C
ESR (Equivalent Series Resistance)
30X max
C0 (Shunt Capacitance of Crystal)
70 pf max
C1 (Load Capacitance)
20 pf g 2pf
Drive Level
1 mW max
Clock Generator
The clock generator provides the 50% duty cycle
processor clock for the processor It does this by
dividing the oscillator output by 2 forming the sym-
metrical clock If an external oscillator is used the
state of the clock generator will change on the fall-
ing edge of the oscillator signal The CLKOUT pin
provides the processor clock signal for use outside
the device This may be used to drive other system
components All timings are referenced to the output
clock
READY Synchronization
The processor provides both synchronous and asyn-
chronous ready inputs In addition the processor as
part of the integrated chip-select logic has the capa-
bility to program WAIT states for memory and
peripheral blocks
RESET Logic
The processor provides both a RES input pin and a
synchronized RESET output pin for use with other
system components The RES input pin is provided
with hysteresis in order to facilitate power-on Reset
generation via an RC network RESET output is
guaranteed to remain active for at least five clocks
given a RES input of at least six clocks
LOCAL BUS CONTROLLER
The processor provides a local bus controller to
generate the local bus control signals In addition it
employs a HOLDHLDA protocol for relinquishing
the local bus to other bus masters It also provides
outputs that can be used to enable external buffers
and to direct the flow of data on and off the local
bus
9
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com