Electronic Components Datasheet Search
  English  ▼

X  

80188 Datasheet(PDF) 16 Page - Intel Corporation

Part # 80188
Description  HIGH-INTEGRATION 16-BIT MICROPROCESSORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80188 Datasheet(HTML) 16 Page - Intel Corporation

Back Button 80188 Datasheet HTML 12Page - Intel Corporation 80188 Datasheet HTML 13Page - Intel Corporation 80188 Datasheet HTML 14Page - Intel Corporation 80188 Datasheet HTML 15Page - Intel Corporation 80188 Datasheet HTML 16Page - Intel Corporation 80188 Datasheet HTML 17Page - Intel Corporation 80188 Datasheet HTML 18Page - Intel Corporation 80188 Datasheet HTML 19Page - Intel Corporation 80188 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
8018680188
AC CHARACTERISTICS (TA e 0 Cto a70 C VCC e 5V g10%)
Timing Requirements
All Timings Measured At 15V Unless Otherwise Noted
Symbol
Parameter
8 MHz
10 MHz
Units
Conditions
Test
Min
Max
Min
Max
TDVCL
Data in Setup (AD)
20
15
ns
TCLDX
Data in Hold (AD)
10
8
ns
TARYHCH
Asynchronous Ready
20
15
ns
(ARDY) Active Setup
Time(1)
TARYLCL
ARDY Inactive Setup Time
35
25
ns
TCLARX
ARDY Hold Time
15
15
ns
TARYCHL
Asynchronous Ready
15
15
ns
Inactive Hold Time
TSRYCL
Synchronous Ready (SRDY)
20
20
ns
Transition Setup Time(2)
TCLSRY
SRDY Transition Hold
15
15
ns
Time(2)
THVCL
HOLD Setup(1)
25
20
ns
TINVCH
INTR NMI TEST TIM IN
25
25
ns
Setup(1)
TINVCL
DRQ0 DRQ1 Setup(1)
25
20
ns
Master Interface Timing Responses
TCLAV
Address Valid Delay
5
55
5
44
ns
CL e 20 pF–200 pF
all Outputs
TCLAX
Address Hold
10
10
ns
(Except TCLTMV)
8 MHz and 10 MHz
TCLAZ
Address Float Delay
TCLAX
35
TCLAX
30
ns
TCHCZ
Command Lines Float Delay
45
40
ns
TCHCV
Command Lines Valid Delay
55
45
ns
(after Float)
TLHLL
ALE Width
TCLCLb35
TCLCLb30
ns
TCHLH
ALE Active Delay
35
30
ns
TCHLL
ALE Inactive Delay
35
30
ns
TLLAX
Address Hold from ALE
TCHCLb25
TCHCLb20
ns
Inactive
TCLDV
Data Valid Delay
10
44
10
40
ns
TCLDOX
Data Hold Time
10
10
ns
TWHDX
Data Hold after WR
TCLCLb40
TCLCLb34
ns
TCVCTV
Control Active Delay 1
5
50
5
40
ns
TCHCTV
Control Active Delay 2
10
55
10
44
ns
TCVCTX
Control Inactive Delay
5
55
5
44
ns
TCVDEX
DEN Inactive Delay
10
70
10
56
ns
(Non-Write Cycle)
1 To guarantee recognition at next clock
2 To guarantee proper operation
16
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com