Electronic Components Datasheet Search
  English  ▼

X  

80188 Datasheet(PDF) 26 Page - Intel Corporation

Part # 80188
Description  HIGH-INTEGRATION 16-BIT MICROPROCESSORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80188 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 80188 Datasheet HTML 22Page - Intel Corporation 80188 Datasheet HTML 23Page - Intel Corporation 80188 Datasheet HTML 24Page - Intel Corporation 80188 Datasheet HTML 25Page - Intel Corporation 80188 Datasheet HTML 26Page - Intel Corporation 80188 Datasheet HTML 27Page - Intel Corporation 80188 Datasheet HTML 28Page - Intel Corporation 80188 Datasheet HTML 29Page - Intel Corporation 80188 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
8018680188
EXECUTION TIMINGS
A determination of program execution timing must
consider the bus cycles necessary to prefetch in-
structions as well as the number of execution unit
cycles necessary to execute instructions The fol-
lowing instruction timings represent the minimum ex-
ecution time in clock cycles for each instruction The
timings given are based on the following assump-
tions
 The opcode along with any data or displacement
required for execution of a particular instruction
has been prefetched and resides in the queue at
the time it is needed
 No wait states or bus HOLDS occur
 All word-data is located on even-address bound-
aries
All instructions which involve memory accesses can
also require one or two additional clocks above the
minimum timings shown due to the asynchronous
handshake between the bus interface unit (BIU) and
execution unit
All jumps and calls include the time required to fetch
the opcode of the next instruction at the destination
address
The 80186 has sufficient bus performance to ensure
that an adequate number of prefetched bytes will
reside in the queue (6 bytes) most of the time
Therefore actual program execution time will not be
substantially greater than that derived from adding
the instruction timings shown
The 80188 is noticeably limited in its performance
relative to the execution unit A sufficient number of
prefetched bytes may not reside in the prefetch
queue (4 bytes) much of the time Therefore actual
program execution time may be substantially greater
than that derived from adding the instruction timings
shown
26
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com