Electronic Components Datasheet Search
  English  ▼

X  

80C187 Datasheet(PDF) 9 Page - Intel Corporation

Part # 80C187
Description  80-BIT MATH COPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C187 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 80C187 Datasheet HTML 5Page - Intel Corporation 80C187 Datasheet HTML 6Page - Intel Corporation 80C187 Datasheet HTML 7Page - Intel Corporation 80C187 Datasheet HTML 8Page - Intel Corporation 80C187 Datasheet HTML 9Page - Intel Corporation 80C187 Datasheet HTML 10Page - Intel Corporation 80C187 Datasheet HTML 11Page - Intel Corporation 80C187 Datasheet HTML 12Page - Intel Corporation 80C187 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
80C187
Table 5 Condition Code Defining Operand Class
C3
C2
C1
C0
Value at TOP
0000
a
Unsupported
0001
a
NaN
0010
b
Unsupported
0011
b
NaN
0100
a
Normal
0101
a
Infinity
0110
b
Normal
0111
b
Infinity
1000
a
0
1001
a
Empty
1010
b
0
1011
b
Empty
1100
a
Denormal
1111
b
Denormal
INSTRUCTION AND DATA POINTERS
Because the NPX operates in parallel with the CPU
any exceptions detected by the NPX may be report-
ed after the CPU has executed the ESC instruction
which caused it To allow identification of the failing
numerics instruction the 80C187 contains registers
that aid in diagnosis These registers supply the op-
code of the failing numerics instruction the address
of the instruction and the address of its numerics
memory operand (if appropriate)
The instruction and data pointers are provided for
user-written exception handlers
Whenever the
80C187 executes a new ESC instruction it saves
the address of the instruction (including any prefixes
that may be present) the address of the operand (if
present) and the opcode
The instruction and data pointers appear in the for-
mat shown by Figure 6
The ESC instruction
FLDENV FSTENV FSAVE and FRSTOR are used
to transfer these values between the registers and
memory Note that the value of the data pointer is
undefined if the prior ESC instruction did not have a
memory operand
Interrupt Description
CPU interrupt 16 is used to report exceptional condi-
tions while executing numeric programs Interrupt 16
indicates that the previous numerics instruction
caused an unmasked exception The address of the
faulty instruction and the address of its operand are
stored in the instruction pointer and data pointer reg-
isters Only ESC instructions can cause this inter-
rupt The CPU return address pushed onto the stack
of the exception handler points to an ESC instruction
(including prefixes) This instruction can be restarted
after clearing the exception condition in the NPX
FNINIT
FNCLEX
FNSTSW
FNSTENV
and
FNSAVE cannot cause this interrupt
Exception Handling
The 80C187 detects six different exception condi-
tions that can occur during instruction execution Ta-
ble 6 lists the exception conditions in order of prece-
dence showing for each the cause and the default
action taken by the 80C187 if the exception is
masked by its corresponding mask bit in the control
word
Any exception that is not masked by the control
word sets the corresponding exception flag of the
status word sets the ES bit of the status word and
asserts the ERROR signal When the CPU attempts
to execute another ESC instruction interrupt 16 oc-
curs The exception condition must be resolved via
an interrupt service routine The return address
pushed onto the CPU stack upon entry to the serv-
ice routine does not necessarily point to the failing
instruction nor to the following instruction
The
80C187 saves the address of the floating-point in-
struction that caused the exception and the address
of any memory operand required by that instruction
If error trapping is required at the end of a series of
numerics instructions (specifically when the last
ESC instruction modifies memory data and that data
is used in subsequent nonnumerics instructions) it is
necessary to insert the FNOP instruction to force the
80C187 to check its ERROR input
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com