Electronic Components Datasheet Search
  English  ▼

X  

80C187 Datasheet(PDF) 16 Page - Intel Corporation

Part # 80C187
Description  80-BIT MATH COPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C187 Datasheet(HTML) 16 Page - Intel Corporation

Back Button 80C187 Datasheet HTML 12Page - Intel Corporation 80C187 Datasheet HTML 13Page - Intel Corporation 80C187 Datasheet HTML 14Page - Intel Corporation 80C187 Datasheet HTML 15Page - Intel Corporation 80C187 Datasheet HTML 16Page - Intel Corporation 80C187 Datasheet HTML 17Page - Intel Corporation 80C187 Datasheet HTML 18Page - Intel Corporation 80C187 Datasheet HTML 19Page - Intel Corporation 80C187 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
80C187
PEREQ is deactivated after the first three transfers
and subsequently after every four transfers This sig-
nal always goes inactive before BUSY goes inactive
Busy Status (BUSY)
When active this pin signals to the CPU that the
80C187 is currently executing an instruction This
pin is active HIGH It should be connected to the
80C186’s TEST BUSY pin During the RESET se-
quence this pin is HIGH The 80C186 uses this
HIGH state to detect the presence of an 80C187
Error Status (ERROR)
This pin reflects the ES bit of the status register
When active it indicates that an unmasked excep-
tion has occurred This signal can be changed to
inactive state only by the following instructions (with-
out
a
preceding
WAIT)
FNINIT
FNCLEX
FNSTENV
FNSAVE
FLDCW
FLDENV
and
FRSTOR This pin should be connected to the
ERROR pin of the CPU ERROR can change state
only when BUSY is active
Data Pins (D15–D0)
These bidirectional pins are used to transfer data
and opcodes between the CPU and 80C187 They
are normally connected directly to the correspond-
ing CPU data pins Other buffersdrivers driving the
local data bus must be disabled when the CPU
reads from the NPX High state indicates a value of
one D0 is the least significant data bit
Numeric Processor Write (NPWR)
A signal on this pin enables transfers of data from
the CPU to the NPX This input is valid only when
NPS1 and NPS2 are both active
Numeric Processor Read (NPRD)
A signal on this pin enables transfers of data from
the NPX to the CPU This input is valid only when
NPS1 and NPS2 are both active
Numeric Processor Selects (NPS1 and NPS2)
Concurrent assertion of these signals indicates that
the CPU is performing an escape instruction and en-
ables the 80C187 to execute that instruction No
data transfer involving the 80C187 occurs unless the
device is selected by these lines
Command Selects (CMD0 and CMD1)
These pins along with the select pins allow the CPU
to direct the operation of the 80C187
System Power (VCC)
System power provides the a5V g10% DC supply
input All VCC pins should be tied together on the
circuit board and local decoupling capacitors should
be used between VCC and VSS
System Ground (VSS)
All VSS pins should be tied together on the circuit
board and local decoupling capacitors should be
used between VCC and VSS
Processor Architecture
As shown by the block diagram (Figure 1) the
80C187 NPX is internally divided into three sections
the bus control logic (BCL) the data interface and
control unit and the floating-point unit (FPU) The
FPU (with the support of the control unit which con-
tains the sequencer and other support units) exe-
cutes all numerics instructions The data interface
and control unit is responsible for the data flow to
and from the FPU and the control registers for re-
ceiving the instructions decoding them and se-
quencing the microinstructions and for handling
some of the administrative instructions The BCL is
responsible for CPU bus tracking and interface
BUS CONTROL LOGIC
The BCL communicates solely with the CPU using
IO bus cycles The BCL appears to the CPU as a
special peripheral device It is special in two re-
spects the CPU initiates IO automatically when it
encounters ESC instructions and the CPU uses re-
served IO addresses to communicate with the BCL
The BCL does not communicate directly with memo-
ry The CPU performs all memory access transfer-
ring input operands from memory to the 80C187 and
transferring outputs from the 80C187 to memory A
dedicated communication protocol makes possible
high-speed transfer of opcodes and operands be-
tween the CPU and 80C187
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com