| Electronic Components Datasheet Search |
|
80C187 Datasheet(PDF) 1 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80C187 Datasheet(HTML) 1 Page - Intel Corporation |
|
1 / 30 page ![]() Other brands and names are the property of their respective owners Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata November 1992 COPYRIGHT INTEL CORPORATION 1995 Order Number 270640-004 80C187 80-BIT MATH COPROCESSOR Y High Performance 80-Bit Internal Architecture Y Implements ANSIIEEE Standard 754- 1985 for Binary Floating-Point Arithmetic Y Upward Object-Code Compatible from 8087 Y Fully Compatible with 387DX and 387SX Math Coprocessors Implements all 387 Architectural Enhancements over 8087 Y Directly Interfaces with 80C186 CPU Y 80C18680C187 Provide a Software Binary Compatible Upgrade from 80186821888087 Systems Y Expands 80C186’s Data Types to Include 32- 64- 80-Bit Floating-Point 32- 64-Bit Integers and 18-Digit BCD Operands Y Directly Extends 80C186’s Instruction Set to Trigonometric Logarithmic Exponential and Arithmetic Instructions for All Data Types Y Full-Range Transcendental Operations for SINE COSINE TANGENT ARCTANGENT and LOGARITHM Y Built-In Exception Handling Y Eight 80-Bit Numeric Registers Usable as Individually Addressable General Registers or as a Register Stack Y Available in 40-Pin CERDIP and 44-Pin PLCC Package (See Packaging Outlines and Dimensions Order 231369) The Intel 80C187 is a high-performance math coprocessor that extends the architecture of the 80C186 with floating-point extended integer and BCD data types A computing system that includes the 80C187 fully conforms to the IEEE Floating-Point Standard The 80C187 adds over seventy mnemonics to the instruction set of the 80C186 including support for arithmetic logarithmic exponential and trigonometric mathematical operations The 80C187 is implemented with 15 micron high-speed CHMOS III technology and packaged in both a 40-pin CERDIP and a 44-pin PLCC package The 80C187 is upward object-code compatible from the 8087 math coprocessor and will execute code written for the 80387DX and 80387SX math coprocessors |
Similar Part No. - 80C187 |
|
Similar Description - 80C187 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |