Electronic Components Datasheet Search
  English  ▼

X  

80C187 Datasheet(PDF) 20 Page - Intel Corporation

Part # 80C187
Description  80-BIT MATH COPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C187 Datasheet(HTML) 20 Page - Intel Corporation

Back Button 80C187 Datasheet HTML 16Page - Intel Corporation 80C187 Datasheet HTML 17Page - Intel Corporation 80C187 Datasheet HTML 18Page - Intel Corporation 80C187 Datasheet HTML 19Page - Intel Corporation 80C187 Datasheet HTML 20Page - Intel Corporation 80C187 Datasheet HTML 21Page - Intel Corporation 80C187 Datasheet HTML 22Page - Intel Corporation 80C187 Datasheet HTML 23Page - Intel Corporation 80C187 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
80C187
System Configuration for 80186
80187-Compatible Exception Trapping
When the 80C187 ERROR output signal is connect-
ed directly to the 80C186 ERROR input floating-
point exceptions cause interrupt
16 However ex-
isting software may be programmed to expect float-
ing-point exceptions to be signalled over an external
interrupt pin via an interrupt controller
For exception handling compatible with the 80186
821888087 the 80C186 can be wired to recognize
exceptions through an external interrupt pin as Fig-
ure 10 shows (Refer to the 80C186 Data Sheet for
an explanation of the 80C186’s signals) With this
arrangement a flip-flop is needed to latch BUSY
upon assertion of ERROR The latch can then be
cleared during the exception-handler routine by forc-
ing a PCS pin active The latch must also be cleared
at RESET in order for the 80C186 to work with the
80C187
270640 – 8
For input clocking options refer to Figure 9
Figure 10 System Configuration for 8087-Compatible Exception Trapping
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com