Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7147
Description  CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7147 Datasheet HTML 35Page - Analog Devices AD7147 Datasheet HTML 36Page - Analog Devices AD7147 Datasheet HTML 37Page - Analog Devices AD7147 Datasheet HTML 38Page - Analog Devices AD7147 Datasheet HTML 39Page - Analog Devices AD7147 Datasheet HTML 40Page - Analog Devices AD7147 Datasheet HTML 41Page - Analog Devices AD7147 Datasheet HTML 42Page - Analog Devices AD7147 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
AD7147
Data Sheet
Rev. D | Page 38 of 72
SDA
DEV
A6
DEV
A5
DEV
A4
R/W
A7
A6
SCLK
DEV
A3
A1
A0
1
26
234
17
18
19
20
25
DEV
A2
DEV
A1
DEV
A0
ACK
A15
A14
11
16
5
678
910
AD7147-1 DEVICE ADDRESS
A9
A8
REGISTER ADDRESS [A15:A8]
REGISTER ADDRESS [A7:A0]
ACK
35
28
30
34
37
36
44
38
45
D1
D0
D7
D6
SR
ACK
46
P
DEV
A6
DEV
A5
DEV
A4
12
3
t8
t7
t6
t5
t4
t2
t1
t3
AD7147-1 DEVICE ADDRESS
ACK
27
AD7147-1 DEVICE ADDRESS
DEV
A6
DEV
A5
DEV
A1
DEV
A0
R/W
29
39
35
28
30
34
37
36
44
38
45
D1
D0
D7
D6
S
ACK
46
P
t5
t4
AD7147-1 DEVICE ADDRESS
DEV
A6
DEV
A5
DEV
A1
DEV
A0
R/W
29
39
P
USING
REPEATED START
SEPARATE READ AND
WRITE TRANSACTIONS
ACK
ACK
START
REGISTER DATA [D7:D0]
REGISTER DATA [D7:D0]
NOTES
1. A START CONDITION AT THE BEGINNING IS DEFINED AS A HIGH-TO-LOW TRANSITION ON SDA WHILE SCLK REMAINS HIGH.
2. A STOP CONDITION AT THE END IS DEFINED AS A LOW-TO-HIGH TRANSITION ON SDA WHILE SCLK REMAINS HIGH.
3. THE MASTER GENERATES THE ACK AT THE END OF THE READBACK TO SIGNAL THAT IT DOES NOT WANT ADDITIONAL DATA.
4. 7-BIT DEVICE ADDRESS [DEV A6:DEV A0] = [0 1 0 1 1 X X], WHERE THE TWO LSB Xs ARE DON'T CARE BITS.
5. 16-BIT REGISTER ADDRESS [A15:A0] = [X, X, X, X, X, X, A9, A8, A7, A6, A5, A4, A3, A2, A1, A0], WHERE THE UPPER LSB Xs ARE DON’T CARE BITS.
6. REGISTER ADDRESS [A15:A8] AND REGISTER ADDRESS [A7:A0] ARE ALWAYS SEPARATED BY LOW ACK BITS.
7. REGISTER DATA [D15:D8] AND REGISTER DATA [D7:D0] ARE ALWAYS SEPARATED BY A LOW ACK BIT.
8. THE R/W BIT IS SET TO A1 TO INDICATE A READBACK OPERATION.
Figure 54. Example of I2C Timing for Single Register Readback Operation
WRITE
OUTPUT FROM MASTER
S
P
P
ACK = NO ACKNOWLEDGE BIT
W
READ (USING REPEATED START)
S
W
P
READ (WRITE TRANSACTION SETS UP REGISTER ADDRESS)
S
W
P
S
ACK
ACK
OUTPUT FROM AD7147-1
S = START BIT
P = STOP BIT
SR = REPEATED START BIT
ACK = ACKNOWLEDGE BIT
6-BIT DEVICE
ADDRESS
REGISTER ADDR
[15:8]
REGISTER ADDR
[7:0]
WRITE DATA
HIGH BYTE [15:8]
WRITE DATA
LOW BYTE [7:0]
WRITE DATA
HIGH BYTE [15:8]
WRITE DATA
LOW BYTE [7:0]
READ DATA
HIGH BYTE [15:8]
READ DATA
LOW BYTE [7:0]
READ DATA
HIGH BYTE [15:8]
READ DATA
LOW BYTE [7:0]
6-BIT DEVICE
ADDRESS
REGISTER ADDR
LOW BYTE
REGISTER ADDR
HIGH BYTE
6-BIT DEVICE
ADDRESS
READ DATA
LOW BYTE [7:0]
READ DATA
HIGH BYTE [15:8]
READ DATA
LOW BYTE [7:0]
READ DATA
HIGH BYTE [15:8]
6-BIT DEVICE
ADDRESS
REGISTER ADDR
LOW BYTE
REGISTER ADDR
HIGH BYTE
6-BIT DEVICE
ADDRESS
Figure 55. Example of Sequential I2C Write and Readback Operations
VDRIVE INPUT
The supply voltage for the pins (SDO, SDI, SCLK, SDA, CS,
INT, and GPIO) associated with both the I2C and SPI serial
interfaces is supplied from the VDRIVE pin and is separate from the
main VCC supply.
This allows the AD7147 to be connected directly to processors
whose supply voltage is less than the minimum operating
voltage of the AD7147 without the need for external level-
shifters. The VDRIVE pin can be connected to voltage supplies as
low as 1.65 V and as high as VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com