Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 41 Page - Analog Devices

Part # AD7147
Description  CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD7147 Datasheet HTML 37Page - Analog Devices AD7147 Datasheet HTML 38Page - Analog Devices AD7147 Datasheet HTML 39Page - Analog Devices AD7147 Datasheet HTML 40Page - Analog Devices AD7147 Datasheet HTML 41Page - Analog Devices AD7147 Datasheet HTML 42Page - Analog Devices AD7147 Datasheet HTML 43Page - Analog Devices AD7147 Datasheet HTML 44Page - Analog Devices AD7147 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
AD7147
Data Sheet
Rev. D | Page 40 of 72
POWER-UP SEQUENCE
To power up the AD7147, use the following sequence when
initially developing the AD7147 and microprocessor serial
interface:
1.
Turn on the power supplies to the AD7147.
2.
Write to the Bank 2 registers at Address 0x080 through
Address 0x0DF. These registers are contiguous; therefore, a
sequential register write sequence can be applied.
Note that the Bank 2 register values are unique for each
application. Register values come from characterization of
the sensor in the application.
3.
Write to the Bank 1 registers at Address 0x000 through
Address 0x007, outlined as follows. These registers are
contiguous; therefore, a sequential register write sequence
can be applied (see Figure 50 and Figure 55).
Caution: At this time, Address 0x001 must remain set to a
default value of 0x0000 during this contiguous write
operation.
Register values:
Address 0x000 = 0x82B2
Address 0x001 = 0x000
Address 0x002 = 0x3230 (depends on number of
conversion stages used)
Address 0x003 = 0x419
Address 0x004 = 832
Address 0x005 = interrupt enable register (depends on
required interrupt behavior)
Address 0x006 = interrupt enable register (depends on
required interrupt behavior)
Address 0x007 = interrupt enable register (depends on
required interrupt behavior)
4.
Write to the Bank 1 register, Address 0x001 = 0x0FFF
(depends on number of conversion stages used).
5.
Read back the corresponding interrupt status register at
Address 0x008, Address 0x009, or Address 0x00A. This is
determined by the interrupt output configuration, as
explained in the Interrupt Output section.
Note that the specific registers required to be read back
depend on each application. For buttons, the interrupt
status registers are read back while other sensors read data
back from the AD7147 according to the slider or wheel
algorithm’s requirements. Analog Devices can provide this
information after the user develops the sensor board.
6.
Repeat Step 5 every time INT is asserted.
FIRST CONVERSION SEQUENCE
CONVERSION
STAGE
0
CONVERSION STAGES DISABLED
1
2
3
4
5
678
9
10 11
0
1
2
9
10 11
012
910 11
0
1
SECOND CONVERSION
SEQUENCE
THIRD CONVERSION
SEQUENCE
POWER
HOST
SERIAL
INTERFACE
AD7147 INT
Figure 59. Recommended Start-Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com