Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7147
Description  CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7147 Datasheet HTML 19Page - Analog Devices AD7147 Datasheet HTML 20Page - Analog Devices AD7147 Datasheet HTML 21Page - Analog Devices AD7147 Datasheet HTML 22Page - Analog Devices AD7147 Datasheet HTML 23Page - Analog Devices AD7147 Datasheet HTML 24Page - Analog Devices AD7147 Datasheet HTML 25Page - Analog Devices AD7147 Datasheet HTML 26Page - Analog Devices AD7147 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
AD7147
Data Sheet
Rev. D | Page 22 of 72
FF_SKIP_CNT
The proximity detection fast FIFO is used by the on-chip logic
to determine if proximity is detected. The fast FIFO expects to
receive samples from the converter at a set rate. FF_SKIP_CNT
is used to normalize the frequency of the samples going into the
FIFO, regardless of how many conversion stages are in a sequence.
In Register 0x002, Bits[3:0] are the fast filter skip control,
FF_SKIP_CNT. This value determines which CDC samples
are not used (skipped) by the proximity detection fast FIFO.
Determining the FF_SKIP_CNT value is required only once
during the initial setup of the capacitance sensor interface.
Table 13 shows how FF_SKIP_CNT controls the update rate of
the fast FIFO. The recommended value for the setting when
using all 12 conversion stages on the AD7147 is 0000, or no
samples skipped.
Table 13. FF_SKIP_CNT Settings
FAST FIFO Update Rate
FF_SKIP
_CNT
Decimation = 64
Decimation = 128
Decimation = 256
0
0.768 × (SEQUENCE_STAGE_NUM + 1) ms
1.536 × (SEQUENCE_STAGE_NUM + 1) ms
3.072 × (SEQUENCE_STAGE_NUM + 1) ms
1
1.536 × (SEQUENCE_STAGE_NUM + 1) ms
3.072 × (SEQUENCE_STAGE_NUM + 1) ms
6.144 × (SEQUENCE_STAGE_NUM + 1) ms
2
2.3 × (SEQUENCE_STAGE_NUM + 1) ms
4.608 × (SEQUENCE_STAGE_NUM + 1) ms
9.216 × (SEQUENCE_STAGE_NUM + 1) ms
3
3.072 × (SEQUENCE_STAGE_NUM + 1) ms
6.144 × (SEQUENCE_STAGE_NUM + 1) ms
12.288 × (SEQUENCE_STAGE_NUM + 1) ms
4
3.84 × (SEQUENCE_STAGE_NUM + 1) ms
7.68 × (SEQUENCE_STAGE_NUM + 1) ms
15.36 × (SEQUENCE_STAGE_NUM + 1) ms
5
4.6 × (SEQUENCE_STAGE_NUM + 1) ms
9.216 × (SEQUENCE_STAGE_NUM + 1) ms
18.432 × (SEQUENCE_STAGE_NUM + 1) ms
6
5.376 × (SEQUENCE_STAGE_NUM + 1) ms
10.752 × (SEQUENCE_STAGE_NUM + 1) ms
21.504 × (SEQUENCE_STAGE_NUM + 1) ms
7
6.144 × (SEQUENCE_STAGE_NUM + 1) ms
12.288 × (SEQUENCE_STAGE_NUM + 1) ms
24.576 × (SEQUENCE_STAGE_NUM + 1) ms
8
6.912 × (SEQUENCE_STAGE_NUM + 1) ms
13.824 × (SEQUENCE_STAGE_NUM + 1) ms
27.648 × (SEQUENCE_STAGE_NUM + 1) ms
9
7.68 × (SEQUENCE_STAGE_NUM + 1) ms
15.36 × (SEQUENCE_STAGE_NUM + 1) ms
30.72 × (SEQUENCE_STAGE_NUM + 1) ms
10
8.448 × (SEQUENCE_STAGE_NUM + 1) ms
16.896 × (SEQUENCE_STAGE_NUM + 1) ms
33.792 × (SEQUENCE_STAGE_NUM + 1) ms
11
9.216 × (SEQUENCE_STAGE_NUM + 1) ms
18.432 × (SEQUENCE_STAGE_NUM + 1) ms
36.864 × (SEQUENCE_STAGE_NUM + 1) ms
12
9.984 × (SEQUENCE_STAGE_NUM + 1) ms
19.968 × (SEQUENCE_STAGE_NUM + 1) ms
39.936 × (SEQUENCE_STAGE_NUM + 1) ms
13
10.752 × (SEQUENCE_STAGE_NUM + 1) ms
21.504 × (SEQUENCE_STAGE_NUM + 1) ms
43.008 × (SEQUENCE_STAGE_NUM + 1) ms
14
11.52 × (SEQUENCE_STAGE_NUM + 1) ms
23.04 × (SEQUENCE_STAGE_NUM + 1) ms
46.08 × (SEQUENCE_STAGE_NUM + 1) ms
15
12.288 × (SEQUENCE_STAGE_NUM + 1) ms
24.576 × (SEQUENCE_STAGE_NUM + 1) ms
49.152 × (SEQUENCE_STAGE_NUM + 1) ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com