Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 56 Page - Analog Devices

Part # AD7147
Description  CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD7147 Datasheet HTML 52Page - Analog Devices AD7147 Datasheet HTML 53Page - Analog Devices AD7147 Datasheet HTML 54Page - Analog Devices AD7147 Datasheet HTML 55Page - Analog Devices AD7147 Datasheet HTML 56Page - Analog Devices AD7147 Datasheet HTML 57Page - Analog Devices AD7147 Datasheet HTML 58Page - Analog Devices AD7147 Datasheet HTML 59Page - Analog Devices AD7147 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
Data Sheet
AD7147
Rev. D | Page 55 of 72
Table 36. STAGEx_AFE_OFFSET Register Description (x = 0 to 11)
Data Bit
Default
Value
Type
Name
Description
[5:0]
X
R/W
NEG_AFE_OFFSET
Negative AFE offset setting (20 pF range)
1 LSB value = 0.32 pF of offset
[6]
X
Unused
Set to 0
[7]
X
R/W
NEG_AFE_OFFSET_SWAP
Negative AFE offset swap control
0 = NEG_AFE_OFFSET applied to CDC negative input
1 = NEG_AFE_OFFSET applied to CDC positive input
[13:8]
X
R/W
POS_AFE_OFFSET
Positive AFE offset setting (20 pF range)
1 LSB value = 0.32 pF of offset
[14]
X
Unused
Set to 0
[15]
X
R/W
POS_AFE_OFFSET_SWAP
Positive AFE offset swap control
0 = POS_AFE_OFFSET applied to CDC positive input
1 = POS_AFE_OFFSET applied to CDC negative input
Table 37. STAGEx_SENSITIVITY Register Description (x = 0 to 11)
Data Bit
Default
Value
Type
Name
Description
[3:0]
X
R/W
NEG_THRESHOLD_SENSITIVITY
Negative threshold sensitivity control
0000 = 25%, 0001 = 29.73%, 0010 = 34.40%, 0011 = 39.08%
0100 = 43.79%, 0101 = 48.47%, 0110 = 53.15%
0111 = 57.83%, 1000 = 62.51%, 1001 = 67.22%
1010 = 71.90%, 1011 = 76.58%, 1100 = 81.28%
1101 = 85.96%, 1110 = 90.64%, 1111 = 95.32%
[6:4]
X
R/W
NEG_PEAK_DETECT
Negative peak detect setting
000 = 40% level, 001 = 50% level, 010 = 60% level
011 = 70% level, 100 = 80% level, 101 = 90% level
[7]
X
R/W
Unused
Set to 0
[11:8]
X
R/W
POS_THRESHOLD_SENSITIVITY
Positive threshold sensitivity control
0000 = 25%, 0001 = 29.73%, 0010 = 34.40%, 0011 = 39.08%
0100 = 43.79%, 0101 = 48.47%, 0110 = 53.15%
0111 = 57.83%, 1000 = 62.51%, 1001 = 67.22%
1010 = 71.90%, 1011 = 76.58%, 1100 = 81.28%
1101 = 85.96%, 1110 = 90.64%, 1111 = 95.32%
[14:12]
X
R/W
POS_PEAK_DETECT
Positive peak detect setting
000 = 40% level, 001 = 50% level, 010 = 60% level
011 = 70% level, 100 = 80% level, 101 = 90% level
[15]
X
R/W
Unused
Set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com