Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 46 Page - Analog Devices

Part # AD7147
Description  CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD7147 Datasheet HTML 42Page - Analog Devices AD7147 Datasheet HTML 43Page - Analog Devices AD7147 Datasheet HTML 44Page - Analog Devices AD7147 Datasheet HTML 45Page - Analog Devices AD7147 Datasheet HTML 46Page - Analog Devices AD7147 Datasheet HTML 47Page - Analog Devices AD7147 Datasheet HTML 48Page - Analog Devices AD7147 Datasheet HTML 49Page - Analog Devices AD7147 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
Data Sheet
AD7147
Rev. D | Page 45 of 72
Table 22. AMB_COMP_CTRL0 Register
Address
Data Bit
Default
Value
Type
Name
Description
0x002
[3:0]
0
R/W
FF_SKIP_CNT
Fast filter skip control (N + 1)
0000 = no sequence of results is skipped
0001 = one sequence of results is skipped for every one
allowed into fast FIFO
0010 = two sequences of results are skipped for every
one allowed into fast FIFO
1011 = maximum value = 12 sequences of results are
skipped for every one allowed into fast FIFO
[7:4]
F
R/W
FP_PROXIMITY_CNT
Calibration disable period in full power mode =
FP_PROXIMITY_CNT × 16 × time for one conversion
sequence in full power mode
[11:8]
F
R/W
LP_PROXIMITY_CNT
Calibration disable period in low power mode =
LP_PROXIMITY_CNT × 4 × time for one conversion
sequence in low power mode
[13:12]
0
R/W
PWR_DOWN_TIMEOUT
Full power to low power mode timeout control
00 = 1.25 × (FP_PROXIMITY_CNT)
01 = 1.50 × (FP_PROXIMITY_CNT)
10 = 1.75 × (FP_PROXIMITY_CNT)
11 = 2.00 × (FP_PROXIMITY_CNT)
[14]
0
R/W
FORCED_CAL
Forced calibration control
0 = normal operation
1 = forces all conversion stages to recalibrate
[15]
0
R/W
CONV_RESET
Conversion reset control (self-clearing)
0 = normal operation
1 = resets the conversion sequence to STAGE0
Table 23. AMB_COMP_CTRL1 Register
Address
Data Bit
Default
Value
Type
Name
Description
0x003
[7:0]
64
R/W
PROXIMITY_RECAL_LVL
Proximity recalibration level; the value is multiplied by
16 to determine actual recalibration level
[13:8]
1
R/W
PROXIMITY_DETECTION_RATE
Proximity detection rate; the value is multiplied by 16 to
determine actual detection rate
[15:14]
0
R/W
SLOW_FILTER_UPDATE_LVL
Slow filter update level
Table 24. AMB_COMP_CTRL2 Register
Address
Data Bit
Default
Value
Type
Name
Description
0x004
[9:0]
3FF
R/W
FP_PROXIMITY_RECAL
Full power mode proximity recalibration time control
[15:10]
3F
R/W
LP_PROXIMITY_RECAL
Low power mode proximity recalibration time control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com