Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7147
Description  CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7147 Datasheet HTML 2Page - Analog Devices AD7147 Datasheet HTML 3Page - Analog Devices AD7147 Datasheet HTML 4Page - Analog Devices AD7147 Datasheet HTML 5Page - Analog Devices AD7147 Datasheet HTML 6Page - Analog Devices AD7147 Datasheet HTML 7Page - Analog Devices AD7147 Datasheet HTML 8Page - Analog Devices AD7147 Datasheet HTML 9Page - Analog Devices AD7147 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
Data Sheet
AD7147
Rev. D | Page 5 of 72
AVERAGE CURRENT SPECIFICATIONS
Table 2. Typical Average Current in Low Power Mode1
Low Power
Decimation
Current Values of Conversion Stages (μA)
Mode Delay
Rate
1
2
3
4
5
6
7
8
9
10
11
12
200 ms
64
20.83
24.18
27.52
30.82
34.11
37.37
40.6
43.81
46.99
50.16
53.3
56.41
128
25.3
31.92
38.45
44.87
51.21
57.45
63.6
69.66
75.63
81.52
87.33
93.05
256
34.11
46.99
59.51
71.66
83.47
94.94
106.1
116.96
127.52
137.81
147.82
157.58
400 ms
64
18.17
19.86
21.55
23.23
24.9
26.57
28.23
29.88
31.53
33.17
34.81
36.44
128
20.43
23.79
27.12
30.43
33.72
36.98
40.22
43.43
46.62
49.78
52.93
56.05
256
24.9
31.53
38.06
44.5
50.83
57.08
63.23
69.3
75.28
81.17
86.98
92.71
600 ms
64
17.28
18.41
19.54
20.67
21.79
22.91
24.03
25.14
26.25
27.36
28.47
29.57
128
18.79
21.04
23.28
25.51
27.73
29.94
32.13
34.32
36.49
38.65
40.81
42.95
256
21.79
26.25
30.67
35.04
39.37
43.66
47.9
52.11
56.27
60.39
64.47
68.51
800 ms
64
16.84
17.69
18.53
19.38
20.23
21.07
21.91
22.75
23.59
24.43
25.26
26.09
128
17.97
19.66
21.35
23.03
24.7
26.37
28.03
29.69
31.34
32.98
34.62
36.25
256
20.23
23.59
26.93
30.24
33.53
36.79
40.03
43.24
46.43
49.6
52.74
55.86
1 VCC = 3.3 V, TA = 25°C, load = 50 pF.
Table 3. Maximum Average Current in Low Power Mode1
Low Power
Decimation
Current Values of Conversion Stages (μA)
Mode Delay
Rate
1
2
3
4
5
6
7
8
9
10
11
12
200 ms
64
27.96
32.06
36.12
40.15
44.16
48.12
52.06
55.97
59.85
63.69
67.51
71.29
128
33.41
41.49
49.44
57.26
64.97
72.55
80.02
87.37
94.61
101.74
108.77
115.69
256
44.16
59.85
75.05
89.79
104.09
117.97
131.45
144.53
157.25
169.61
181.63
193.33
400 ms
64
24.74
26.8
28.86
30.91
32.95
34.99
37.01
39.03
41.04
43.04
45.03
47.02
128
27.49
31.59
35.66
39.7
43.71
47.68
51.62
55.53
59.41
63.26
67.08
70.87
256
32.95
41.04
49
56.83
64.54
72.12
79.6
86.96
94.2
101.34
108.37
115.3
600 ms
64
23.66
25.04
26.42
27.79
29.17
30.53
31.89
33.25
34.61
35.96
37.31
38.66
128
25.5
28.25
30.99
33.71
36.41
39.1
41.78
44.44
47.09
49.72
52.34
54.95
256
29.17
34.61
40
45.33
50.6
55.82
60.98
66.09
71.15
76.15
81.1
86.01
800 ms
64
23.12
24.16
25.19
26.23
27.26
28.29
29.32
30.34
31.36
32.38
33.4
34.42
128
24.5
26.57
28.63
30.68
32.72
34.76
36.79
38.8
40.81
42.81
44.81
46.79
256
27.26
31.36
35.44
39.47
43.48
47.46
51.4
55.31
59.19
63.04
66.86
70.66
1 VCC = 3.6 V, TA = −40°C to +85°C, load = 50 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com