Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7147
Description  CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7147 Datasheet HTML 14Page - Analog Devices AD7147 Datasheet HTML 15Page - Analog Devices AD7147 Datasheet HTML 16Page - Analog Devices AD7147 Datasheet HTML 17Page - Analog Devices AD7147 Datasheet HTML 18Page - Analog Devices AD7147 Datasheet HTML 19Page - Analog Devices AD7147 Datasheet HTML 20Page - Analog Devices AD7147 Datasheet HTML 21Page - Analog Devices AD7147 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
Data Sheet
AD7147
Rev. D | Page 17 of 72
CDC CONVERSION SEQUENCE TIME
Table 10. CDC Conversion Times for Full Power Mode
Conversion Time (ms)
SEQUENCE_STAGE_NUM
Decimation = 64
Decimation = 128
Decimation = 256
0
0.768
1.536
3.072
1
1.536
3.072
6.144
2
2.304
4.608
9.216
3
3.072
6.144
12.288
4
3.84
7.68
15.36
5
4.608
9.216
18.432
6
5.376
10.752
21.504
7
6.144
12.288
24.576
8
6.912
13.824
27.648
9
7.68
15.36
30.72
10
8.448
16.896
33.792
11
9.216
18.432
36.864
The time required for the CDC to complete the measurement of
all 12 stages is defined as the CDC conversion sequence time. The
SEQUENCE_STAGE_NUM and DECIMATION bits determine
the conversion time, as listed in Table 10.
For example, if the device is operated with a decimation rate
of 128 and the SEQUENCE_STAGE_NUM bit is set to 5 for the
conversion of six stages in a sequence, the conversion sequence
time is 9.216 ms.
Full Power Mode CDC Conversion Sequence Time
The full power mode CDC conversion sequence time for all
12 stages is set by configuring the SEQUENCE_STAGE_NUM
and DECIMATION bits as outlined in Table 10.
Figure 27 shows a simplified timing diagram of the full power
mode CDC conversion time. The full power mode CDC con-
version time (tCONV_FP) is set using the values shown in Table 10.
CONVERSION
SEQUENCE N
CONVERSION
SEQUENCE N + 1
CONVERSION
SEQUENCE N + 2
CDC
CONVERSION
tCONV_FP
Figure 27. Full Power Mode CDC Conversion Sequence Time
Low Power Mode CDC Conversion Sequence Time
with Delay
The frequency of each CDC conversion while operating in the
low power automatic wake-up mode is controlled by using the
LP_CONV_DELAY bits located at Address 0x000[3:2] in
addition to the registers listed in Table 10. This feature provides
some flexibility for optimizing the tradeoff between the conversion
time needed to meet system requirements and the power
consumption of the AD7147.
For example, maximum power savings is achieved when the
LP_CONV_DELAY bits are set to 11. With a setting of 11,
the AD7147 automatically wakes up, performing a conversion
every 800 ms.
Table 11. LP_CONV_DELAY Settings
LP_CONV_DELAY Bits
Delay Between Conversions (ms)
00
200
01
400
10
600
11
800
Figure 28 shows a simplified timing example of the low power
mode CDC conversion time. As shown, the low power mode CDC
conversion time is set by tCONV_FP and the LP_CONV_DELAY bits.
CONVERSION
SEQUENCE N
CONVERSION
SEQUENCE N + 1
CDC
CONVERSION
LP_CONV_DELAY
tCONV_LP
tCONV_FP
Figure 28. Low Power Mode CDC Conversion Sequence Time
CDC CONVERSION RESULTS
Certain high resolution sensors require the host to read back the
CDC conversion results for processing. The registers required
for host processing are located in the Bank 3 registers. The host
processes the data read back from these registers using a software
algorithm in order to determine position information.
In addition to the results registers in the Bank 3 registers, the
AD7147 provides the 16-bit CDC output data directly, starting
at Address 0x00B of Bank 1. Reading back the CDC 16-bit
conversion data register allows for customer-specific application
data processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com