Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 71 Page - Analog Devices

Part # AD7147
Description  CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 71 Page - Analog Devices

Back Button AD7147 Datasheet HTML 65Page - Analog Devices AD7147 Datasheet HTML 66Page - Analog Devices AD7147 Datasheet HTML 67Page - Analog Devices AD7147 Datasheet HTML 68Page - Analog Devices AD7147 Datasheet HTML 69Page - Analog Devices AD7147 Datasheet HTML 70Page - Analog Devices AD7147 Datasheet HTML 71Page - Analog Devices AD7147 Datasheet HTML 72Page - Analog Devices AD7147 Datasheet HTML 73Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
AD7147
Data Sheet
Rev. D | Page 70 of 72
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-8
1
24
6
7
13
19
18
12
2.65
2.50 SQ
2.35
0.60 MAX
0.50
0.40
0.30
0.30
0.23
0.18
2.50 REF
0.50
BSC
12° MAX
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
1.00
0.85
0.80
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
3.75
BSC SQ
4.00
BSC SQ
PIN 1
INDICATOR
0.60 MAX
COPLANARITY
0.08
0.20 REF
0.23 MIN
EXPOSED
PAD
(BOTTOMVIEW)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 63. 24-Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Very Thin Quad
(CP-24-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature
Range
Description
Serial Interface
Description
Package Description
Package
Option
AD7147ACPZ-REEL
–40°C to +85°C
Wake up on touch
SPI Interface
24-Lead LFCSP_VQ
CP-24-3
AD7147ACPZ-500RL7
–40°C to +85°C
Wake up on touch
SPI Interface
24-Lead LFCSP_VQ
CP-24-3
AD7147PACPZ-RL
–40°C to +85°C
Wake up on proximity
SPI Interface
24-Lead LFCSP_VQ
CP-24-3
AD7147PACPZ-500R7
–40°C to +85°C
Wake up on proximity
SPI Interface
24-Lead LFCSP_VQ
CP-24-3
AD7147ACPZ-1REEL
–40°C to +85°C
Wake up on touch
I2C Interface
24-Lead LFCSP_VQ
CP-24-3
AD7147ACPZ-1500RL7
–40°C to +85°C
Wake up on touch
I2C Interface
24-Lead LFCSP_VQ
CP-24-3
AD7147PACPZ-1RL
–40°C to +85°C
Wake up on proximity
I2C Interface
24-Lead LFCSP_VQ
CP-24-3
AD7147PACPZ-1500R7
–40°C to +85°C
Wake up on proximity
I2C Interface
24-Lead LFCSP_VQ
CP-24-3
AD7147WPACPZ-RL
–40°C to +85°C
Wake up on proximity
SPI Interface
24-Lead LFCSP_VQ
CP-24-3
AD7147WPACPZ-500R7
–40°C to +85°C
Wake up on proximity
SPI Interface
24-Lead LFCSP_VQ
CP-24-3
AD7147WPACPZ-1RL
–40°C to +85°C
Wake up on proximity
I2C Interface
24-Lead LFCSP_VQ
CP-24-3
AD7147WPACPZ-1500R
–40°C to +85°C
Wake up on proximity
I2C Interface
24-Lead LFCSP_VQ
CP-24-3
EVAL-AD7147EBZ
SPI Interface
Evaluation Board
EVAL-AD7147-1EBZ
I2C Interface
Evaluation Board
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD7147W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com