Electronic Components Datasheet Search
  English  ▼

X  

ISL6142CB Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6142CB
Description  Negative Voltage Hot Plug Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6142CB Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6142CB Datasheet HTML 1Page - Intersil Corporation ISL6142CB Datasheet HTML 2Page - Intersil Corporation ISL6142CB Datasheet HTML 3Page - Intersil Corporation ISL6142CB Datasheet HTML 4Page - Intersil Corporation ISL6142CB Datasheet HTML 5Page - Intersil Corporation ISL6142CB Datasheet HTML 6Page - Intersil Corporation ISL6142CB Datasheet HTML 7Page - Intersil Corporation ISL6142CB Datasheet HTML 8Page - Intersil Corporation ISL6142CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
VEE Pin 7 - This is the most Negative Supply Voltage, such
as in a -48V system. Most of the other signals are referenced
relative to this pin, even though it may be far away from what
is considered a GND reference.
SENSE Pin 8 - This analog input monitors the voltage drop
across the external sense resistor to determine if the current
flowing through it exceeds the programmed Over-Current trip
point (50mV / Rsense). If the Over-Current threshold is
exceeded, the circuit will regulate the current to maintain a
nominal voltage drop of 50mV across the R1 sense resistor,
also referred to as Rsense. If current is limited for more than
the programmed time-out period the
IntelliTripTM electronic
circuit breaker will trip and turn off the FET.
A second comparator is employed to detect and respond
quickly to hard faults. The threshold of this comparator is set
approximately four times higher (210mV) than the Over-
Current trip point. When the hard fault comparator threshold
is exceeded the GATE is immediately (10
µs typical) shut off
(VGATE = VEE), the timer is reset, and a single retry (soft
start) is initiated.
IS+ Pin 9 - This analog pin is the positive input of the current
sense circuit. A sensing resistor (R8) is connected between
this pin and the output side of R1, which is also connected to
the SENSE pin. It should match the IS- resistor (R7) as
closely as possible (1%) to minimize output current error
(ISOUT). If current sensing is not used in the application, the
IS+ pin should be tied directly to the IS- pin and the node
should be left floating.
GATE Pin 10 -
This analog output drives the gate of the
external FET used as a pass transistor. The GATE pin is high
(FET is on) when the following conditions are met:
•VDD UVLO is above its trip point (~16.5V)
• Voltage on the UV pin is above its trip point (1.255V)
• Voltage on the OV pin is below its trip point (1.255V)
• No Over-Current conditions are present.
• The Disable pin is low.
If any of the 5 conditions are violated, the GATE pin will be
pulled low to shut off or regulate current through the FET.
The GATE is latched off only when an Over-Current event
exceeds the programmed time-out period.
The GATE is driven high by a weak (-50
µA nominal) pull-up
current source, in order to slowly turn on the FET. It is driven
low by a 70mA (nominal) pull-down device for three of the
above shut-off conditions. A larger (350mA nominal) pull-
down current shuts off the FET very quickly in the event of a
hard fault where the sense pin voltage exceeds
approximately 210mV.
DRAIN Pin 11 - This analog input monitors the voltage of
the FET drain for the Power Good function. The DRAIN input
is tied to two comparators with internal reference voltages of
1.3v and 8.0V. At initial start-up the DRAIN to VEE voltage
differential must be less than 1.3V, and the GATE voltage
must be within 2.5V of its normal operating voltage (13.6V)
for power to be considered good. When both conditions are
met, the PWRGD/PWRGD output is latched into the active
state. At this point only the 8V DRAIN comparator can
control the PWRGD/PWRGD output, and will drive it inactive
if the DRAIN voltage exceeds VEE by more than 8.0V.
ISOUT Pin 12 - This analog pin is the output of the current
sense circuit. The current flowing out of this pin (ISOUT) is
proportional to the current flowing through the R1 sense
resistor (ISENSE). The scaling factor, ISOUT/ISENSE is
defined by the resistor ratio of R1/R7. Current to voltage
conversion is accomplished by placing a resistor from this
pin to -VIN. The current flowing out of the pin is supplied by
the internal 13V regulator and should not exceed 600
µA.
The output voltage will clamp at approximately 8V. If current
sensing is not used in the application the pin should be left
open.
CT Pin 13 - This analog I/O pin is used to program the Over-
Current Time-Out period with a capacitor connected to the
negative supply rail (-VIN which is equal to VEE). During
normal operation, the pin is pulled down to VEE. During
current limiting, the capacitor is charged with a 20
µA
(nominal) current source. When the CT pin charges to 8.5V,
it times out and the GATE is latched off. If the short circuit
goes away prior to the time-out, the GATE will remain on. If
no capacitor is connected, the time-out will be much quicker,
with only the package pin capacitance (~ 5 to 10 pF) to
charge. If no external capacitor is connected to the CT pin
the time-out will occur in a few
µsec. To set the desired time-
out period use:
dt = (C * dV) / I = (C * 8.5) / 20
µA = 0.425*106 * C
NOTE: The printed circuit board’s parasitic capacitance (CT pin to
the negative input, -VIN) should be taken into consideration when
calculating the value of C3 needed for the desired time-out.
VDD Pin 14 - This is the most positive Power Supply pin. It
can range from the Under-Voltage lockout threshold (16.5V)
to +80V (Relative to VEE). The pin can tolerate up to 100V
without damage to the IC.
ISL6142, ISL6152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com