Electronic Components Datasheet Search
  English  ▼

X  

ISL6142CB Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6142CB
Description  Negative Voltage Hot Plug Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6142CB Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6142CB Datasheet HTML 5Page - Intersil Corporation ISL6142CB Datasheet HTML 6Page - Intersil Corporation ISL6142CB Datasheet HTML 7Page - Intersil Corporation ISL6142CB Datasheet HTML 8Page - Intersil Corporation ISL6142CB Datasheet HTML 9Page - Intersil Corporation ISL6142CB Datasheet HTML 10Page - Intersil Corporation ISL6142CB Datasheet HTML 11Page - Intersil Corporation ISL6142CB Datasheet HTML 12Page - Intersil Corporation ISL6142CB Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
?
Test Circuit and Timing Diagrams
FIGURE 2A. TYPICAL TEST CIRCUIT
FIGURE 2B. TEST CIRCUIT FOR TIMEOUT
FIGURE 3A. OV TO GATE TIMING
FIGURE 3B. UV TO GATE TIMING
FIGURE 3. OV AND UV TO GATE TIMING
FIGURE 4A. DRAIN TO PWRGD ACTIVE TIMING (ISL6142)
FIGURE 4B. DRAIN TO PWRGD ACTIVE TIMING (ISL6152)
FIGURE 4. DRAIN TO PWRGD/PWRGD TIMING
FIGURE 5A. GATE TO PWRGD ACTIVE (ISL6142)
FIGURE 5B. GATE TO PWRGD ACTIVE (ISL6152)
OV
VEE
GATE
DRAIN
UV
SENSE
PWRGD
VDD
5V
VOV
VUV
48V
VDRAIN
VSENSE
5K
+
-
.
13
12
3
2
1
14
ISL6142
4
5
6
7
8
9
10
11
FAULT
5K
VDIS
4.99K
404
Ω
400
Ω
OV
VEE
DRAIN
UV
PWRGD
VDD
5V
VOV
VUV
48V
VDRAIN
5K
+
-
13
12
3
2
1
14
ISL6142
4
5
6
7
8
9
10
11
5K
FAULT
CT
GATE
SENSE
0.1K
0.90K
9.0K
GATE
tPHLOV
tPLHOV
0V
2V
1V
1.255V
1.230V
1V
0V
13.6V
UV Pin
GATE
tPHLUV
tPLHUV
2V
0V
1V
1.125V
1.255V
1V
13.6V
0V
tPHLDL
DRAIN
PWRGD
1.3V
1.0V
VPG
PWRGD
tPLHDL
1.3V
1.0V
DRAIN
VEE
VPG
tPHLGH
2.5V
1.0V
GATE
PWRGD
∆VGATE - VGATE = 0V
13.6V
VGH
tPLHGH
GATE
PWRGD
2.5V
1.0V
VPWRGD - VDRAIN = 0V
∆VGATE - VGATE = 0V
13.6V
VGH
ISL6142, ISL6152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com