Electronic Components Datasheet Search
  English  ▼

X  

ISL6142CB Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6142CB
Description  Negative Voltage Hot Plug Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6142CB Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6142CB Datasheet HTML 1Page - Intersil Corporation ISL6142CB Datasheet HTML 2Page - Intersil Corporation ISL6142CB Datasheet HTML 3Page - Intersil Corporation ISL6142CB Datasheet HTML 4Page - Intersil Corporation ISL6142CB Datasheet HTML 5Page - Intersil Corporation ISL6142CB Datasheet HTML 6Page - Intersil Corporation ISL6142CB Datasheet HTML 7Page - Intersil Corporation ISL6142CB Datasheet HTML 8Page - Intersil Corporation ISL6142CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
ISL6142, ISL6152 Block Diagram
C1
Q1
R2
R1
CL
RL
-48V IN
-48V OUT
LOAD
C2
R3
+
-
+
-
VEE
1.255V
+
-
+
-
VEE
50mV
+
-
+
-
VEE
1.255V
+
-
+
-
VEE
11.1V
+
-
+
-
VEE
210mV
+
-
+
-
VEE
1.265V
+
-
+
-
VEE
8.0V
+
-
+
-
VEE
1.3V
+
-
+
-
VEE
8.5V
13V
VEE
VEE
R4
R5
R6
GND
GND
LOGIC,
TIMING,
GATE
DRIVE
REGULATOR,
REFERENCES
LATCH,
LOGIC,
CURRENT
SENSE
ISOUT
CT
FAULT
DIS
UV
OV
IS-
VEE
SENSE
IS+
VDD
PWRGD
GATE
DRAIN
VEE+5V
C3
R9
TO ADC
R10
LOGIC
SUPPLY
UVLO
UV
OV
CURRENT
LIMIT
FAULT
DISABLE
TIMER
GATE
GATE
STOP
13V
R7
R8
PWRGD
(ISL6152)
(ISL6142)
HARD
FAULT
VEE
REGULATOR
LOGIC
INPUT
OUTPUT
DRIVE
FIGURE 1. BLOCK DIAGRAM
ISL6142, ISL6152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com