Electronic Components Datasheet Search
  English  ▼

X  

ISL6142CB Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL6142CB
Description  Negative Voltage Hot Plug Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6142CB Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL6142CB Datasheet HTML 9Page - Intersil Corporation ISL6142CB Datasheet HTML 10Page - Intersil Corporation ISL6142CB Datasheet HTML 11Page - Intersil Corporation ISL6142CB Datasheet HTML 12Page - Intersil Corporation ISL6142CB Datasheet HTML 13Page - Intersil Corporation ISL6142CB Datasheet HTML 14Page - Intersil Corporation ISL6142CB Datasheet HTML 15Page - Intersil Corporation ISL6142CB Datasheet HTML 16Page - Intersil Corporation ISL6142CB Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
FIGURE 25. ISOUT ERROR VS SENSE PIN VOLTAGE
FIGURE 26. ISOUT ERROR VS SENSE PIN VOLTAGE
FIGURE 27. ISOUT OFFSET CURRENT VS TEMPERATURE
FIGURE 28. CT CHARGING CURRENT VS TEMPERATURE
0
1
2
3
4
5
6
50
100
150
200
SENSE Pin Voltage (mV)
-40
oC
85
oC
0
0.5
1
1.5
2
2.5
050
100
150
SENSE pin Voltage (mV)
-40
oC
85
oC
4.435
4.44
4.445
4.45
4.455
4.46
4.465
4.47
4.475
-40
-20
0
204060
80
100
Temperature (C)
VSENSE = 0V
17
17.5
18
18.5
19
19.5
20
20.5
-40
-20
0
204060
80
100
Temperature (C)
ISL6142, ISL6152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com