Electronic Components Datasheet Search
  English  ▼

X  

ISL6142CB Datasheet(PDF) 19 Page - Intersil Corporation

Part # ISL6142CB
Description  Negative Voltage Hot Plug Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6142CB Datasheet(HTML) 19 Page - Intersil Corporation

Back Button ISL6142CB Datasheet HTML 15Page - Intersil Corporation ISL6142CB Datasheet HTML 16Page - Intersil Corporation ISL6142CB Datasheet HTML 17Page - Intersil Corporation ISL6142CB Datasheet HTML 18Page - Intersil Corporation ISL6142CB Datasheet HTML 19Page - Intersil Corporation ISL6142CB Datasheet HTML 20Page - Intersil Corporation ISL6142CB Datasheet HTML 21Page - Intersil Corporation ISL6142CB Datasheet HTML 22Page - Intersil Corporation ISL6142CB Datasheet HTML 23Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19
be found, then consider 2 separate resistor dividers (one for
each pin, both from VDD to -VIN). This also allows the user to
adjust or trim either trip point independently. Some
applications employ a short pin ground on the connector tied
to R4 to ensure the hot plug device is fully powered up
before the UV and OV pins (tied to the short pin ground) are
biased. This ensures proper control of the GATE is
maintained during power up. This is not a requirement for the
ISL6142/52 however the circuit will perform properly if a
short pin scheme is implemented (reference Figure 38).
Applications: PWRGD/PWRGD
The PWRGD/PWRGD outputs are typically used to directly
enable a power module, such as a DC/DC converter. The
PWRGD (ISL6142) is used for modules with active low
enable (L version), and PWRGD (ISL6152) for those with an
active high enable (H version). The modules usually have a
pull-up device built-in, as well as an internal clamp. If not, an
external pull-up resistor may be needed. If the pin is not
used, it can be left open.
For both versions at initial start-up, when the DRAIN to VEE
voltage differential is less than 1.3V and the GATE voltage is
within 2.5V (VGH) of its normal operating voltage (13.6V),
power is considered good and the PWRGD/PWRGD pins
will go active. At this point the output is latched and the
comparators above no longer control the output. However a
second DRAIN comparator remains active and will drive the
PWRGD/PWRGD output inactive if the DRAIN voltage
exceeds VEE by more than 8V. The latch is reset by any of
the signals that shut off the GATE (Over-Voltage, Under-
Voltage; Under-Voltage-Lock-Out; Over-Current Time-Out,
disable pin high, or powering down). In this case the
PWRGD/PWRGD output will go inactive, indicating power is
no longer good.
ISL6142 (L version; Figure 34): Under normal conditions
(DRAIN voltage - VEE < VPG, and ∆VGATE - VGATE < VGH)
the Q2 DMOS will turn on, pulling PWRGD low, enabling the
module.
When any of the 5 conditions occur that turn off the GATE
(OV, UV, UVLO, Over-Current Time-Out, disable pin high)
the PWRGD latch is reset and the Q2 DMOS device will shut
off (high impedance). The pin will quickly be pulled high by
the external module (or an optional pull-up resistor or
equivalent) which in turn will disable it. If a pull-up resistor is
used, it can be connected to any supply voltage that doesn’t
exceed the IC pin maximum ratings on the high end, but is
high enough to give acceptable logic levels to whatever
signal it is driving. An external clamp may be used to limit the
voltage range.
The PWRGD can also drive an opto-coupler (such as a
4N25), as shown in Figure 35 or LED (Figure 36). In both
cases, they are on (active) when power is good. Resistors
R13 or R14 are chosen based on the supply voltage, and the
amount of current needed by the loads.
ISL6152 (H version; Figure 37): Under normal conditions
(DRAIN voltage - VEE < VPG, and ∆VGATE - VGATE < VGH),
the Q3 DMOS will be on, shorting the bottom of the internal
resistor to VEE, turning Q2 off. If the pull-up current from the
external module is high enough, the voltage drop across the
6.2k
Ω resistor will look like a logic high (relative to DRAIN).
Note that the module is only referenced to DRAIN, not VEE
FIGURE 34. ACTIVE LOW ENABLE MODULE
VEE
PWRGD
DRAIN
VDD
+
VIN+
VIN-
ON/OFF
VOUT+
VOUT-
CL
Q2
ACTIVE LOW
ENABLE
MODULE
(SECTION OF) ISL6142
(L VERSION)
+
-
VPG
VEE
GATE
∆ V
GATE
+
-
+
-
LOGIC
LATCH
VGH
+
-
VDH
VEE
+
-
OPTO
PWRGD
FIGURE 35. ACTIVE LOW ENABLE OPTO-ISOLATOR
R13
VEE
VDD
Q2
(SECTION OF) ISL6142
(L VERSION)
PWRGD
DRAIN
LOGIC
LATCH
COMPARATORS
FIGURE 36. ACTIVE LOW ENABLE LED
R14
VEE
VDD
Q2
(SECTION OF) ISL6142
(L VERSION)
PWRGD
DRAIN
LOGIC
LATCH
COMPARATORS
LED (GREEN)
ISL6142, ISL6152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com