Electronic Components Datasheet Search
  English  ▼

X  

ISL6142CB Datasheet(PDF) 21 Page - Intersil Corporation

Part # ISL6142CB
Description  Negative Voltage Hot Plug Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6142CB Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ISL6142CB Datasheet HTML 15Page - Intersil Corporation ISL6142CB Datasheet HTML 16Page - Intersil Corporation ISL6142CB Datasheet HTML 17Page - Intersil Corporation ISL6142CB Datasheet HTML 18Page - Intersil Corporation ISL6142CB Datasheet HTML 19Page - Intersil Corporation ISL6142CB Datasheet HTML 20Page - Intersil Corporation ISL6142CB Datasheet HTML 21Page - Intersil Corporation ISL6142CB Datasheet HTML 22Page - Intersil Corporation ISL6142CB Datasheet HTML 23Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
The switch SW1 is shown as a simple push button. It can be
replaced by an active switch, such as an NPN or NFET; the
principle is the same; pull the UV node below its trip point,
and then release it (toggle low). To connect an NFET, for
example, the DRAIN goes to UV; the source to -VIN, and the
GATE is the input; if it goes high (relative to -VIN), it turns the
NFET on, and UV is pulled low. Just make sure the NFET
resistance is low compared to the resistor divider, so that it
has no problem pulling down against it.
R12 is a pull-up resistor for PWRGD, if there is no other
component acting as a pull-up device. The value of R12 is
determined by how much current is needed when the pin is
pulled low (also affected by the VDD voltage); and it should
be pulled low enough for a good logic low level. An LED can
also be placed in series with R12, if desired. In that case, the
criteria is the LED brightness versus current.
Applications: Layout Considerations
For the minimum application, there are 10 resistors, 3
capacitors, one IC and 2 FETs. A sample layout is shown in
Figure 39. It assumes the IC is 8-SOIC; Q1 is in a D2PAK (or
similar SMD-220 package).
Although GND planes are common with multi-level PCBs, for
a -48V system, the -48V rails (both input and output) act
more like a GND than the top 0V rail (mainly because the IC
signals are mostly referenced to the lower rail). So if
separate planes for each voltage are not an option, consider
prioritizing the bottom rails first.
Note that with the placement shown, most of the signal lines
are short, and there should be minimal interaction between
them.
Although decoupling capacitors across the IC supply pins
are often recommended in general, this application may not
need one, nor even tolerate one. For one thing, a decoupling
cap would add to (or be swamped out by) any other input
capacitance; it also needs to be charged up when power is
applied. But more importantly, there are no high speed (or
any) input signals to the IC that need to be conditioned. If still
desired, consider the isolation resistor R10, as shown in
figure 38.
NOTE:
1. Layout scale is approximate; routing lines are just for illustration
purposes; they do not necessarily conform to normal PCB
design rules. High current buses are wider, shown with parallel
lines.
2. Approximate size of the above layout is 0.8 x 0.8 inches,
excluding Q1 (D2PAK or similar SMD-220 package).
3. R1 sense resistor is size 2512; all other R’s and C’s shown are
0805; they can all potentially use smaller footprints, if desired.
4. The RL and CL are not shown on the layout.
5. Vias are needed to connect R4 and VDD to GND on the bottom
of the board, and R8 to pin 9; all other routing can be on the top
level.
6. PWRGD signal is not used here.
FIGURE 38. ISL6142/52 OPTIONAL COMPONENTS (SHOWN WITH *)
ISL6142
VDD
OV
VEE
SENSE GATE
DRAIN
PWRGD
R4
R5
R6
R1
R2
R3 C2
C1
Q1
CL
GND
GND
-48V IN
-48V OUT
RL
IS-
IS+
CT
R8
R7
C3
DIS
FAULT
ISOUT
UV
R9
TO
Logic
Supply
Q2
ADC
C4*
R12*
R11*
GND
(SHORT PIN)
D1*
SW1*
(VEE+5V)
Logic
Input
R10
ISL6142, ISL6152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com