Electronic Components Datasheet Search
  English  ▼

X  

ISL6142CB Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL6142CB
Description  Negative Voltage Hot Plug Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6142CB Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL6142CB Datasheet HTML 10Page - Intersil Corporation ISL6142CB Datasheet HTML 11Page - Intersil Corporation ISL6142CB Datasheet HTML 12Page - Intersil Corporation ISL6142CB Datasheet HTML 13Page - Intersil Corporation ISL6142CB Datasheet HTML 14Page - Intersil Corporation ISL6142CB Datasheet HTML 15Page - Intersil Corporation ISL6142CB Datasheet HTML 16Page - Intersil Corporation ISL6142CB Datasheet HTML 17Page - Intersil Corporation ISL6142CB Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
Applications Information
Typical Values for a representative
system; which assumes:
43V to 71V supply range; 48 nominal; UV = 43V; OV = 71V
1A of typical current draw; 2.5 Amp Over-Current
100
µF of load capacitance (CL); equivalent RL of 48Ω
(R = V/I = 48V/1A)
R1: 0.02
Ω (1%)
R2: 10
Ω (5%)
R3: 18k
Ω (5%)
R4: 549k
Ω (1%)
R5: 6.49k
Ω (1%)
R6: 10k
Ω (1%)
R7/R8: 400
Ω (1%)
R9: 4.99K
Ω (1%)
R10: 5.10K
Ω (10%)
C1: 150nF (25V)
C2: 3.3nF (100V)
C3: 1500pF (25V)
Q1: IRF530 (100V, 17A, 0.11
Ω)
Q2: N-Channel logic FET
Quick Guide to Choosing Component
Values
(See fig 29 for reference)
This section will describe the minimum components needed
for a typical application, and will show how to select
component values. Note that “typical” values may only be
good for this application; the user may have to select
alternate component values to optimize performance for
other applications. Each block will then have more detailed
explanation of how the device works, and alternatives.
R4, R5, R6 - together set the Under-Voltage (UV) and Over-
Voltage (OV) trip points. When the power supply ramps up
and down, these trip points (and their hysteresis) will
determine when the GATE is allowed to turn on and off (UV
and OV do not control the PWRGD / PWRGD output). The
input power supply is divided down such that when the
voltage on the OV pin is below its threshold and the UV pin is
above its threshold their comparator outputs will be in the
proper state signaling the supply is within its desired
operating range, allowing the GATE to turn on. The
equations below define the comparator thresholds for an
increasing (in magnitude) supply voltage.
FIGURE 29. TYPICAL APPLICATION WITH MINIMUM COMPONENTS
ISL6142
VDD
OV
VEE
SENSE GATE
DRAIN
PWRGD
R4
R5
R6
R1
R2
R3 C2
C1
Q1
CL
GND
GND
-48V IN
-48V OUT
RL
IS-
IS+
CT
R8
R7
C3
DIS
FAULT
ISOUT
UV
R9
R10
ADC
Logic
Supply
Q2
V
UV
R
4
R
5
R
6
++
〈〉
R
5
R
6
+
()
-----------------------------------------
1.255
×
=
(EQ. 1)
V
OV
R
4
R
5
R
6
++
〈〉
R
6
()
-----------------------------------------
1.255
×
=
(EQ. 2)
ISL6142, ISL6152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com