Electronic Components Datasheet Search
  English  ▼

X  

ISL6142CB Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6142CB
Description  Negative Voltage Hot Plug Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6142CB Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6142CB Datasheet HTML 7Page - Intersil Corporation ISL6142CB Datasheet HTML 8Page - Intersil Corporation ISL6142CB Datasheet HTML 9Page - Intersil Corporation ISL6142CB Datasheet HTML 10Page - Intersil Corporation ISL6142CB Datasheet HTML 11Page - Intersil Corporation ISL6142CB Datasheet HTML 12Page - Intersil Corporation ISL6142CB Datasheet HTML 13Page - Intersil Corporation ISL6142CB Datasheet HTML 14Page - Intersil Corporation ISL6142CB Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
Typical Performance Curves
FIGURE 13. SUPPLY CURRENT VS. SUPPLY VOLTAGE (25oC)
FIGURE 14. GATE VOLTAGE VS SUPPLY VOLTAGE (25oC)
FIGURE 15. SUPPLY CURRENT VS TEMPERATURE, VDD = 80V
FIGURE 16. GATE VOLTAGE VS TEMPERATURE VDD = 48V
FIGURE 17. GATE VOLTAGE VS TEMPERATURE
FIGURE 18. GATE PULL-UP CURRENT VS TEMPERATURE
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
10
20
30
40
50
60
70
80
90 100
Supply Voltage (VDD)
0
2
4
6
8
10
12
14
16
10
20
30
40
50
60
70
80
100
Supply Voltage (VDD)
2.25
2.3
2.35
2.4
2.45
2.5
2.55
2.6
2.65
2.7
2.75
-40
-20
0
20406080
100
Temperature (C)
13.3
13.4
13.5
13.6
13.7
13.8
13.9
14
-40
-20
0
20
406080
100
Temperature (C)
13.4
13.5
13.6
13.7
13.8
13.9
14
-40 -20
0
204060
80 100
Temperature (C)
VDD = 20V
VDD = 80V
41
42
43
44
45
46
47
48
49
50
-40
-20
0
204060
80
100
Temperature (C)
ISL6142, ISL6152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com