Electronic Components Datasheet Search
  English  ▼

X  

ISL6142CB Datasheet(PDF) 22 Page - Intersil Corporation

Part # ISL6142CB
Description  Negative Voltage Hot Plug Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6142CB Datasheet(HTML) 22 Page - Intersil Corporation

Back Button ISL6142CB Datasheet HTML 15Page - Intersil Corporation ISL6142CB Datasheet HTML 16Page - Intersil Corporation ISL6142CB Datasheet HTML 17Page - Intersil Corporation ISL6142CB Datasheet HTML 18Page - Intersil Corporation ISL6142CB Datasheet HTML 19Page - Intersil Corporation ISL6142CB Datasheet HTML 20Page - Intersil Corporation ISL6142CB Datasheet HTML 21Page - Intersil Corporation ISL6142CB Datasheet HTML 22Page - Intersil Corporation ISL6142CB Datasheet HTML 23Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
BOM (Bill Of Materials)
R1 = 0.02
Ω (5%)
R2 =10.0
Ω (5%)
R3 = 18.0K
Ω (10%)
R4 = 549K
Ω (1%)
R5 = 6.49K
Ω (1%)
R6 = 10.0K
Ω (1%)
R7 = R8 = 400
Ω (1%)
R9 = 4.99K
Ω (1%)
R10 = 5.10K
Ω (10%)
C1 = 150nF (25V)
C2 = 3.3nF (100V)
C3 = 1500pF (25V)
Q1 = IRF530 (100V, 17A, 0.11)
Q2 = N-channel Logic FEFT
G 10
CT 13
VDD 14
4 OV
5 UV
1 PG
ISL6142
GATE
SOURCE
DRAIN
NFET
-48V IN
GND
GND
-48V OUT
2 FLT
3 DIS
6 IS-
7 VEE
S 8
D 11
IS+ 9
ISO 12
R4
R5
R6
R2
R9
R3
C3
C2
C1
R7
R8
TO
-48VIN
VDD
+5V
TO
PIN 9
R1
R10
FIGURE 39. ISL6142 SAMPLE LAYOUT (NOT TO SCALE)
G
D
S
LOGIC IN
-48VIN
-48VIN
GND
ISL6142, ISL6152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com