Electronic Components Datasheet Search
  English  ▼

X  

ISL6142CB Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6142CB
Description  Negative Voltage Hot Plug Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6142CB Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6142CB Datasheet HTML 3Page - Intersil Corporation ISL6142CB Datasheet HTML 4Page - Intersil Corporation ISL6142CB Datasheet HTML 5Page - Intersil Corporation ISL6142CB Datasheet HTML 6Page - Intersil Corporation ISL6142CB Datasheet HTML 7Page - Intersil Corporation ISL6142CB Datasheet HTML 8Page - Intersil Corporation ISL6142CB Datasheet HTML 9Page - Intersil Corporation ISL6142CB Datasheet HTML 10Page - Intersil Corporation ISL6142CB Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
UV Pin Input Current
IINUV
VUV = VEE
-
-0.05
-0.5
µA
OV pin
OV Pin High Threshold Voltage
VOVH
OV Low to High Transition
1.235
1.255
1.275
V
OV Pin Low Threshold Voltage
VOVL
OV High to Low Transition
1.215
1.230
1.255
V
OV Pin Hysteresis
VOVHY
25
mV
OV Pin Input Current
IINOV
VOV = VEE
-
-0.05
-0.5
µA
DRAIN Pin
Power Good Threshold (Enable PWRGD/PWRGD
Output)
VPG
VDRAIN - VEE
0.80
1.30
2.00
V
Drain Input Bias Current
IDRAIN
VDRAIN = 48V
10
38
60
µA
DRAIN Pin Comparator Trip Point
(PWRGD/PWRGD Inactive)
VDH
VDRAIN - VEE > 8.0V
7.0
8.0V
9.0
V
ISL6142 (PWRGD Pin: L Version)
PWRGD Output Low Voltage
VOL1
VOL5
(VDRAIN - VEE) < VPG; IOUT = 1mA
-
0.3
0.8
V
(VDRAIN - VEE) < VPG; IOUT = 5mA
-
1.50
3.0
V
Output Leakage
IOH
VDRAIN = 48V, V PWRGD = 80V
-
0.05
10
µA
ISL6152 (PWRGD Pin: H Version)
PWRGD Output Low Voltage (PWRGD-DRAIN)
VOL
VDRAIN = 5V, IOUT = 1mA
-
0.80
1.0
V
PWRGD Output Impedance
ROUT
(VDRAIN - VEE) < VPG
4.5
6.2
7.5
k
Ω
DIS PIN
DIS Pin High Threshold Voltage
VDISH
DIS Low to High Transition
1.60
2.20
3.00
V
DIS Pin Low Threshold Voltage
VDISL
DIS High to Low Transition
1.1
1.50
V
DIS Pin Hysteresis
VDISHY
DIS Hysteresis
1.0
V
DIS Pin Input High Leakage
IDISINH
Input Voltage = 5V
0.1
1.0
µA
DIS Pin Input Low Current
IDISINL
Input Voltage = 0V
10
µA
FAULT PIN
FAULT Output Voltage
VFVOL
I = 1.6 mA
0.4
V
FAULT Output Leakage
IFIOH
V = 5.0V
10
µA
CT PIN
CT Pin Charging Current
ICTINL
VCT = 0V
20
µA
CT Pin Input Threshold
VCT
7.5
8.5
9.5
V
IS PINS (IS-, IS+, ISOUT)
ISOUT Error
VSENSE = 50mV, R7 = 400
Ω, R8 = 404Ω
2.0
%
ISOUT Error
VSENSE = 200mV, R7 = 400
Ω, R8 = 404Ω
1.0
%
ISOUT Offset Current
VSENSE = 0.0mV, R7 = 400
Ω, R8 = 404Ω
4.5
µA
Output Voltage Range (ISOUT Pin)
05
8
V
Electrical Specifications
VDD = +48V, VEE = +0V Unless Otherwise Specified. All tests are over the full temperature range; either
Commercial (0oC to 70oC) or Industrial (-40oC to 85oC). Typical specs are at 25oC. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6142, ISL6152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com