Electronic Components Datasheet Search
  English  ▼

X  

UM0272 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 2Page - STMicroelectronics UM0272 Datasheet HTML 3Page - STMicroelectronics UM0272 Datasheet HTML 4Page - STMicroelectronics UM0272 Datasheet HTML 5Page - STMicroelectronics UM0272 Datasheet HTML 6Page - STMicroelectronics UM0272 Datasheet HTML 7Page - STMicroelectronics UM0272 Datasheet HTML 8Page - STMicroelectronics UM0272 Datasheet HTML 9Page - STMicroelectronics UM0272 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
System features
UM0272
6/40
1
System features
●
8 Configurable hard-wired inputs with programmable balance control
●
7 Configurable hard-wired outputs that can be associated to each input (4 SSR, 2
transistorized, 1 relay)
●
Alarm-on and CU-active output indicators
●
16 configurable partitions for inputs/outputs
●
Inputs and outputs expandable with the I/O Expander modules connected to the bus
●
Balanced and programmable Tamper line (not yet managed by firmware)
●
Programmable Fire/Smoke sensor inputs
●
Mains loss and low battery indicators (not yet managed by firmware)
●
Test mode for inputs/outputs
●
Timer events for inputs/outputs
●
Date and Time stamp for up to 999 log events
●
Up to 8 users with programmable access code for all partition combinations
●
Encrypted Communication Bus for I/O expansion and system management
●
Three-level password access control
●
Protected Bus Installation and Setup mode for additional security
●
PC interface connected directly via the communication Bus with a user-friendly GUI
1.1
System description
An Alarm System consists of a Central Unit (CU) that manages a certain number of inputs
(typically connected to sensors and detectors, called zones), outputs (connected devices
such as sirens, indicators, etc.) and other devices (i.e. RFID keys, Smartcards, Expansion
Modules, GSM, Keyboards, RF module, etc.) connected to the communication bus for
system management and configuration as shown in Figure 1.
The system is controlled using up to 8 Control Modules that regulate system installation,
parameter configuration and switching on/off the CU and partitions.
Each zone of an alarm system can be configured, logically regrouped, separately processed
and associated to a group of outputs in a different way. The outputs are also configurable in
terms of timing, working mode and normal status (High or Low).
This CU is composed of 8 zones directly hard-wired to the CU board. It is possible to expand
the number of zones by connecting one or more I/O Expansion modules through the bus.
Seven hardwired outputs are available:
●
Four outputs are separately driven by a solid state relay (SSR - VN340SP) and can
deliver up to 1A for each output. These outputs are normally used for connecting sirens
and other external devices (auxiliary outputs).
●
Two outputs are transistorized and typically used for indicating the system status (alarm
condition, CU status, etc.).
●
One output is a micro relay for general purpose uses such as connecting a video
recorder, external GSM, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com