Electronic Components Datasheet Search
  English  ▼

X  

UM0272 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 8Page - STMicroelectronics UM0272 Datasheet HTML 9Page - STMicroelectronics UM0272 Datasheet HTML 10Page - STMicroelectronics UM0272 Datasheet HTML 11Page - STMicroelectronics UM0272 Datasheet HTML 12Page - STMicroelectronics UM0272 Datasheet HTML 13Page - STMicroelectronics UM0272 Datasheet HTML 14Page - STMicroelectronics UM0272 Datasheet HTML 15Page - STMicroelectronics UM0272 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
System parameters
UM0272
12/40
The last output is a micro relay with the NC, C and NO clean contacts available. The
maximum voltage and current applicable to the contacts is 0.4A @ 125VAC and 2A @
30VDC for resistive load and 0.2A @ 125VAC and 1A @ 30VDC for inductive load.
2.4
Partitions
A partition is a logical group of zones with an assigned name and behavior that can be
activated or deactivated by an activation device existing on the system (i.e. keyboard,
smartcard, etc.). On each partition, it is possible to associate two or more zones present on
the system; a single zone may belong to several different partitions.
Zones are associated as inputs or outputs:
●
An input association means that when the partition is deactivated by a device (i.e. by a
smartcard when entering a protected area) ONLY all the zones associated to the Input
will be excluded by the control flow. If any of the zones not associated to the
deactivated partition is forced, an alarm condition will be detected and processed.
●
An output association means that ONLY the associated zones will be controlled by the
CU once the system is activated by a device.
Each partition can be associated to one or more user codes and vice versa. Each time a
user enters his code, all the partitions associated to that code can be enabled or disabled
even individually.
2.5
Log events
The CU automatically records a certain number of events in the internal E2 memory once
they occur. The event log feature enables the owner or the installer (not the users) to view
the event history using the appropriate menu feature (or, these events can be downloaded
through the PC interface and analyzed). The system can record up to 999 events. If more
events occur, the oldest ones are automatically replaced by the newest.
2.6
Options
During the installation it is possible to enter Test mode. Test mode enables the installer to
test (by watching the signal level associated to the selected zone) zones installed on the
system individually or all together once all the sensors are wired on the CU and the zone
balanced. The CU automatically stores the balance values after the command is properly
sent by the installer to the CU.
In Output Test mode, it is possible to toggle each output level each time the installer presses
a key (or when the appropriate command is sent to the CU using the PC GUI). In this way, it
is possible to test each device connected to the outputs.
A Module Acquisition feature is available from the Option menu. This feature enables the
installer to update the communication bus module address table; adding new modules and
removing any deleted modules on the system. Once the update is started, the CU starts
scanning for modules and stores all the modules that acknowledge the CU interrogation. Of
course, this feature is available only at the service level.
Once an owner or service password is entered, it is possible to enter the system status
menu to display the actual status of each zone and output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com