Electronic Components Datasheet Search
  English  ▼

X  

UM0272 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 14Page - STMicroelectronics UM0272 Datasheet HTML 15Page - STMicroelectronics UM0272 Datasheet HTML 16Page - STMicroelectronics UM0272 Datasheet HTML 17Page - STMicroelectronics UM0272 Datasheet HTML 18Page - STMicroelectronics UM0272 Datasheet HTML 19Page - STMicroelectronics UM0272 Datasheet HTML 20Page - STMicroelectronics UM0272 Datasheet HTML 21Page - STMicroelectronics UM0272 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Configuring system parameters
UM0272
18/40
Figure 11 describes the various key functions. In some cases, the same button has different
function in a different context.
Figure 11.
Control module keypad
4.4
Password protection
In order to perform any operation, password identification is required. The system is
organized with three password security levels. Press any key on the CM keypad to access
the password menu.
The service and the owner passwords must be different from each other because the CU
automatically recognizes the access level by the password. It is possible (but not
recommended) to use the same Owner (or Service) password as one of the User
passwords. All the User passwords must be different.
Table 2.
Password protection for each access level
Level
Description
Service
The service level is dedicated to system installation. All CU parameters are accessible
and modifiable and passwords can be setup. The CU cannot be enabled or disabled
when accessing this level.
Owner
This level is normally assigned to the protected ambient owner. Only parameters that
do not affect the hardware configuration are accessible (i.e. the zone timing, output
association, etc.). The CU cannot be enabled or disabled when accessing this level.
User
This level switches ON/OFF the CU and available partitions. It is impossible to modify
or display parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com