Electronic Components Datasheet Search
  English  ▼

X  

UM0272 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 13Page - STMicroelectronics UM0272 Datasheet HTML 14Page - STMicroelectronics UM0272 Datasheet HTML 15Page - STMicroelectronics UM0272 Datasheet HTML 16Page - STMicroelectronics UM0272 Datasheet HTML 17Page - STMicroelectronics UM0272 Datasheet HTML 18Page - STMicroelectronics UM0272 Datasheet HTML 19Page - STMicroelectronics UM0272 Datasheet HTML 20Page - STMicroelectronics UM0272 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
UM0272
Configuring system parameters
17/40
4
Configuring system parameters
4.1
Introduction
The system can be configured in one of two ways:
●
using the PC GUI
●
using the Control Module
The system is configured by entering Setup mode; this is possible only if the Central Unit
(CU) is in Idle mode (CU disabled).
During the first installation or each time a new module is installed or removed from the
system, the connected modules must be registered in the CU memory. When using the PC
GUI, the software automatically registers connected modules in the CU memory. When
using the Control Module, follow the instructions provided in Section 4.3: Configuration
using the Control Module.
4.2
Configuration using the PC GUI
This feature is not implemented in this version.
4.3
Configuration using the Control Module
At first installation, communication with the CM is impossible since no modules are
registered in the CU memory. For this reason (or each time a new module is installed or
removed from the system), press the Initial Setting button on the CU board for approximately
5 seconds. The CU scans the bus and registers all the modules installed on it. Once this
procedure is successfully completed, the CM displays the system date/time and the CU
status (OFF) as shown in Figure 10.
Figure 10.
Central unit connected message
Note:
Pressing the Initial Setting button resets all the system settings on the CU to their factory
settings (except for the system date and time).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com