Electronic Components Datasheet Search
  English  ▼

X  

UM0272 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 4Page - STMicroelectronics UM0272 Datasheet HTML 5Page - STMicroelectronics UM0272 Datasheet HTML 6Page - STMicroelectronics UM0272 Datasheet HTML 7Page - STMicroelectronics UM0272 Datasheet HTML 8Page - STMicroelectronics UM0272 Datasheet HTML 9Page - STMicroelectronics UM0272 Datasheet HTML 10Page - STMicroelectronics UM0272 Datasheet HTML 11Page - STMicroelectronics UM0272 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
System features
UM0272
8/40
1.2
Getting started
In order to correctly operate your alarm system using the CUAS Evaluation Board, follow the
steps listed below. (Refer to Figure 2, Figure 3, Figure 4 and Figure 5.)
1.
Connect the Power Supply board to the power supply connector on the Central Unit
(J2).
2.
Connect the Control Module board to the Bus connector on the CU (CM BUS - J6)
using connector J11 or J13. (Ensure that the keyboard is connected to connector J16).
3.
Connect the PC interface board to the Bus by the connector J36 either on the
connector COMM BUS J5 of the CU or the connectors J13 or J14 of the CM.
4.
Connect the PC interface board to the PC serial port through an RS-232 serial
connector (not a null-modem).
5.
Connect the mains power to Mains connector on the Power Supply board.
6.
Power the PS with the mains.
7.
Connect the battery on the Power Supply board.
8.
Push the Initial Setting push button for at least 5 seconds. After a brief delay, the CM
screen will display the date, time and CU status.
Note:
Perform Steps 3 and 4 only if a PC is required.
The following figures show the block diagrams of the CU, CM, PC Interface and the Power
Supply boards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com