Electronic Components Datasheet Search
  English  ▼

X  

UM0272 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 32Page - STMicroelectronics UM0272 Datasheet HTML 33Page - STMicroelectronics UM0272 Datasheet HTML 34Page - STMicroelectronics UM0272 Datasheet HTML 35Page - STMicroelectronics UM0272 Datasheet HTML 36Page - STMicroelectronics UM0272 Datasheet HTML 37Page - STMicroelectronics UM0272 Datasheet HTML 38Page - STMicroelectronics UM0272 Datasheet HTML 39Page - STMicroelectronics UM0272 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Miscellaneous
UM0272
38/40
Appendix A
Miscellaneous
A.1
Keyboard character association
A.2
Module address ranges
A.3
Output assignments
Table 5.
List of available characters
Key
Character Sequence
0
A B C 0 a b c
1
D E F 1 d e f
2
G H I 2 g h i
3
J K L 3 j k l
4M N O 4 m n o
5
P Q R 5 p q r
6
S T U 6 s t u
7
V W X 7 v w x
8
Y Z 8 y z .
9
[SPACE] 9 * - + / '
Table 6.
List of possible module addresses
Address Range
Bus Module
0Reserved
1 to 8
Control module
9 to 16
Keypad
17 to 24
RFID reader
25 to 32
Card reader
33 to 40
I/O expander
Table 7.
Output assignments
Output No.
Board Layout Label
0
SIR AA1
1
SIR INT
2AUX 1
3AUX 2
4STS
5ALM
6
NC-C-NA (RELAY)
7
Not used in this version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com