Electronic Components Datasheet Search
  English  ▼

X  

UM0272 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 23Page - STMicroelectronics UM0272 Datasheet HTML 24Page - STMicroelectronics UM0272 Datasheet HTML 25Page - STMicroelectronics UM0272 Datasheet HTML 26Page - STMicroelectronics UM0272 Datasheet HTML 27Page - STMicroelectronics UM0272 Datasheet HTML 28Page - STMicroelectronics UM0272 Datasheet HTML 29Page - STMicroelectronics UM0272 Datasheet HTML 30Page - STMicroelectronics UM0272 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
UM0272
Menus
27/40
Figure 20.
Zone filter menu
●
Outp. associated: This function associates one of the installed outputs to the selected
zone. Once the zone alarm condition is processed, the corresponding outputs are
triggered.
Press ENT to display the output associated menu (Figure 21) and the first 8 outputs
hardwired on the CU. If more outputs are present on the system by means of one or
more IO Expanders, press
to display the next group of 8 outputs. Press
to
scroll through each displayed output. In order to associate the pointed output, press
ENT. The symbol displayed after the output number will change from a dot (.) to a plus
sign (+).
See Chapter 5.6.2 for possible output configurations.
Figure 21.
Output associated menu
●
AND association: This feature allows the installer to logically regroup the selected zone
to one or more of the other zones installed on the system. If a zone is in AND mode
with another zone, the CU will detect an alarm condition only if all the other zones
associated in AND mode detect an alarm condition also. This feature can be useful, for
example, in a corridor where two sensors are installed; the alarm condition is
processed only if an infraction is detected in one direction but not the other. The AND
association menu is similar to the output association menu.
5.6.2
Outputs
The Output settings menu (Figure 22) is used to configure both the outputs hardwired on the
CU and those installed by means of the IO Expander present on the system (if installed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com